Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 143 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 139Page - STMicroelectronics STV82X8 Datasheet HTML 140Page - STMicroelectronics STV82X8 Datasheet HTML 141Page - STMicroelectronics STV82X8 Datasheet HTML 142Page - STMicroelectronics STV82X8 Datasheet HTML 143Page - STMicroelectronics STV82X8 Datasheet HTML 144Page - STMicroelectronics STV82X8 Datasheet HTML 145Page - STMicroelectronics STV82X8 Datasheet HTML 146Page - STMicroelectronics STV82X8 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 157 page
background image
143/157
STV82x8
Input/Output Groups
VSS
BUS_EXD
VDD33_I02
VDD33_I02
IRQ
68
69
VSS
44
S/PDIF_IN
VDD33_I01
VSS
60
I2S_PCM_CLK
61
62
I2S_LR_CLK
I2S_DATA0
VDD33_I02
I2S_DATA1
63
64
I2S_DATA2
53
XTALOUT_CLKXTM
52
XTALIN_CLKXTP
VCC18_CLK1
500K
GND18_CLK1
VCC18_CLK1
GND18_CLK1
VSS
51
CLK_SEL
VDD18
VSS
35
SCL
40
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com