Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X8 Datasheet(PDF) 146 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 142Page - STMicroelectronics STV82X8 Datasheet HTML 143Page - STMicroelectronics STV82X8 Datasheet HTML 144Page - STMicroelectronics STV82X8 Datasheet HTML 145Page - STMicroelectronics STV82X8 Datasheet HTML 146Page - STMicroelectronics STV82X8 Datasheet HTML 147Page - STMicroelectronics STV82X8 Datasheet HTML 148Page - STMicroelectronics STV82X8 Datasheet HTML 149Page - STMicroelectronics STV82X8 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 157 page
background image
Electrical Characteristics
STV82x8
146/157
16.4
Crystal Oscillator
16.5
Analog Sound IF Signal
16.6
SIF to I²S Output Path Characteristics
Test Conditions: SIF amplitude = 100 mVpp, unless otherwise specified, I²S output.
Symbol
Parameter
Min.
Typ.
Max.
Units
fP
Crystal Series Resonance Frequency (at C21 = C22 = 27 pF load capacitor)
27
MHz
DF/FP
Frequency Tolerance at 25 °C
-30
+30
ppm
DF/FT
Frequency Stability versus Temperature within a range from 0 to 70 °C
-30
+30
ppm
C1
Motional Capacitor
15
fF
RS
Serial Resistance
30
Ω
CS
Shunt Capacitance
7pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BANDSIF
SIF Frequency Flatness
AGC_ERR at 0, frequency range
from 4 to 7MHz
dB
RINSIF
SIF Input Resistance
60
72
85
k
Ω
DCINSIF
SIF Input DC Level
0.9
V
CINSIF
SIF Input Capacitance
3
pF
FM Carrier
VSIFFM
SIF Input Sensitivity
SNR 40 dB
RMS unweighted 20 Hz to
15 kHz
Standard M/N 27 kHz FM
Deviation 1 kHz
TBD
µVPP
DFSIFFM
SIF Carrier Accuracy for
FM
Standard (FM50k)
±1
±5
kHz
Shifted Standard
(FM50k with DCO
compensation)
±120
kHz
AGC
AGCstep
IF AGC Step
1.4
1.5
1.6
dB
AGCdyn
Relative Maximum Gain to Step 0
Valid from Step 21 to Step 31
29
30
31
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
FM Demodulation
BANDFM
Frequency Response
20 Hz to 15 kHz
TBD
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com