Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 44 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 40Page - STMicroelectronics L9374LF Datasheet HTML 41Page - STMicroelectronics L9374LF Datasheet HTML 42Page - STMicroelectronics L9374LF Datasheet HTML 43Page - STMicroelectronics L9374LF Datasheet HTML 44Page - STMicroelectronics L9374LF Datasheet HTML 45Page - STMicroelectronics L9374LF Datasheet HTML 46Page - STMicroelectronics L9374LF Datasheet HTML 47Page - STMicroelectronics L9374LF Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
Circuit description
L9374LF
44/80
DocID025414 Rev 1
Figure 28. Thermal detection / protection behavior.
4.8.5
Power ground loss (PGND-loss)
PGND-loss continuously monitors the voltage between SGND and PGNDxy. If the
measured value is higher than VPG_L (Table 16) for longer than tPGND_L (Table 18) a failure
is detected. This sets the PGNDL_Qx bit (Section 5.2.2) and sets all of the set point and
control variables to zero disabling the output. There is a power ground loss bit for each
output even though Output 1 shares power ground with Output 2 and Output 3 shares
power ground with Output 4. It is not possible to switch on the output as long as the failure is
detected.
Once the power ground loss condition is removed the outputs are re-enabled by reading the
appropriate status register (SPI Status register 1 - 4). This clears the failure bit in the status
register and re-enables the output for use. This failure detection is used for all outputs.
The status of the failure is shown via SPI. PGND-loss is latched and can be reset only by
accessing this register when the failure does not exist anymore.
4.8.6
Signal ground loss (SGND-loss)
The SGND-loss monitors the voltage between SGND and PGNDxy. If the measured value is
higher than VSG_L (Table 16) for tSGND_L (Table 18) a failure is detected. After this time ALL
outputs are switched off immediately and the driver is shut down. The SPI communication is
possible but there is a threshold shift at the logic output drivers due to an additional
substrate diode in the ground path between PGNDxy and SGND (see Section 5.2.1).
4.8.7
Freewheeling diode loss detection (Dx-loss)
Freewheeling diode loss is detected by measuring the current through the output clamping
structure. If the clamping structure is used for more than tDX_L(Table 18) a Dx_Loss is
detected and the appropriate Status register bit (bit D5 of status registers 1 - 4,
Section 5.2.2) is latched on. This bit can only be cleared once the failure is removed and the
status register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com