Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 31Page - STMicroelectronics L9374LF Datasheet HTML 32Page - STMicroelectronics L9374LF Datasheet HTML 33Page - STMicroelectronics L9374LF Datasheet HTML 34Page - STMicroelectronics L9374LF Datasheet HTML 35Page - STMicroelectronics L9374LF Datasheet HTML 36Page - STMicroelectronics L9374LF Datasheet HTML 37Page - STMicroelectronics L9374LF Datasheet HTML 38Page - STMicroelectronics L9374LF Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
DocID025414 Rev 1
35/80
L9374LF
Circuit description
79
RL_real
 RL_SPI · (1 + ISAT)
ISAT is the relative error of the SPI-Value RL_SPI to the real load RL_real (within an ideal
system).
ISAT is a twos complement. The range value is {-1 … +(1-LSB)} and
With this algorithm a fast controller dynamic can be achieved. Figure 21 shows the load
current response for different target currents. The ISAT_Qx value integration is disabled for
commanded target current values less than 29(DEC). This corresponds to a target current of:
Figure 21. Load current response for different target currents diagram
Starting at time zero a load error is corrected by modifying the programmed load resistor
value with an integral correction factor ISAT. This integration function is valid for target
currents higher than 110mA. If the ISAT value is once corrected in the system the load
model will respect the required precision immediately if the target current is reached in the
load. To avoid a long error integration phase during actuation of the ABS system it is
recommended that the current controlled outputs (Q3 & Q4) be activated periodically. This
will allow the L9374LF to adjust the ISAT parameter for any possible load resistance changes
due to temperature.
The integral correction factor (ISAT) is remembered and potentially modified at every load
actuation. It can be reset by changing RL or resetting the Current controller (see
Section 5.1.9). If reset, the load resistance error correction will be recalculated upon the
next output actuation.
LSB ISAT

1
512
----------
=
1.8A
29
512
----------
102mA
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com