Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 61Page - STMicroelectronics L9374LF Datasheet HTML 62Page - STMicroelectronics L9374LF Datasheet HTML 63Page - STMicroelectronics L9374LF Datasheet HTML 64Page - STMicroelectronics L9374LF Datasheet HTML 65Page - STMicroelectronics L9374LF Datasheet HTML 66Page - STMicroelectronics L9374LF Datasheet HTML 67Page - STMicroelectronics L9374LF Datasheet HTML 68Page - STMicroelectronics L9374LF Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
DocID025414 Rev 1
65/80
L9374LF
Programmers guide
79
5.2
Status registers
5.2.1
General status (address 0)
Parity-failure:
If a parity-failure occurs during any command write this bit is set. It is cleared by accessing
address 0.
SPI-Clock-failure:
This bit is set by a clock-failure (number of positive edges of SPICLK within SPICS = low is
unequal 16) and is cleared by accessing address 0.
Data-failure:
This bit is set if the master writes invalid data to the configuration-register (Data: SVDT,
CLKIN_S and FSOFF_ALL / CCPWM_Qx / OV_THx, EDGE_SH_OFF). Reset of this bit is
done by accessing address 0. If the master tries to write invalid data to one of the input
registers its content will not be changed (invalid write access is ignored, SPI data failure is
set).
Sync-failure:
This bit is set by a Sync-failure and is cleared when the failure does not exist anymore.
(shows the actual status)
(see Synchronization failure)
MSB
LSB
0
0
0
0
0
SGND_L FSON_S
CLKIN_State
EN
CLKIN_F
SYNC_F
DATA_F
SPICLK-F PARITY_F Parity
A3
A2
A1
A0
free
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 58. Status registers
General status
Number of bits
Bit location
Name
Parity-failure
1 Bit
D0
PARITY_F
SPI-Clock-failure
1 Bit
D1
SPICLK_F
Data-failure
1 Bit
D2
DATA_F
Sync-Failure
1 Bit
D3
SYNC_F
CLKIN-failure
1 Bit
D4
CLKIN_F
EN Status
1 Bit
D5
EN
1MHz / 250kHz Status
2 Bits
D7 - D6
CLKIN_S
Fast Switch On Enable Status
1 Bit
D8
FSON_S
SGND loss
1 Bit
D9
SGND_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com