Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 67Page - STMicroelectronics L9374LF Datasheet HTML 68Page - STMicroelectronics L9374LF Datasheet HTML 69Page - STMicroelectronics L9374LF Datasheet HTML 70Page - STMicroelectronics L9374LF Datasheet HTML 71Page - STMicroelectronics L9374LF Datasheet HTML 72Page - STMicroelectronics L9374LF Datasheet HTML 73Page - STMicroelectronics L9374LF Datasheet HTML 74Page - STMicroelectronics L9374LF Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
DocID025414 Rev 1
71/80
L9374LF
Programmers guide
79
5.2.6
Reference diode voltage measurement (V_FWD) (address 10)
Reference diode forward voltage (V_FWD):
The V_FWD value is a measurement of an internal reference diode using a fixed reference
current. This corresponds to the forward voltage of one of the current controller output
freewheeling diodes.
The resolution of the LSB is 7.8mV (typ.) and the parameter range is:
Note:
Refer to section : V_FWD for more information.
5.2.7
Sense resistor measurement (Rs) (address 11)
Refer to Section 4.5.2 for more information)
The resolution of the LSB is 8.7m
 (typ.) and the parameter range is:
MSB
LSB
101000
V_FWD
Parit
y
A3
A2
A1
A0
free
free
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 68. Reference diode voltage measurement
Description
Number of bits
Resolution per bit
Reference diode forward voltage drop
9 Bit
7.8 mV typ
Table 69. V_FWD value
SPI - Bit
D8
D7
D6
D5
D4
D3
D2
D1
D0
V_FWD
2 V
1 V
1/2 V
1/4 V
1/8 V
1/16 V
1/32 V
1/64 V 1/128 V
MSB
LSB
101100
Rs
Parit
y
A3
A2
A1
A0
free
free
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 70. Sense resistor measurement
Channel status
Number of bits
Name
Sense resistor measurement
9 Bit
Rs
Table 71. Rs value
SPI - Bit
D8
D7
D6
D5
D4
D3
D2
D1
D0
Rs-value
4 Ω
2 Ω
1 Ω
1/2 Ω
1/4 Ω
1/8 Ω
1/16 Ω
1/32 Ω
1/64 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com