Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 42Page - STMicroelectronics L9374LF Datasheet HTML 43Page - STMicroelectronics L9374LF Datasheet HTML 44Page - STMicroelectronics L9374LF Datasheet HTML 45Page - STMicroelectronics L9374LF Datasheet HTML 46Page - STMicroelectronics L9374LF Datasheet HTML 47Page - STMicroelectronics L9374LF Datasheet HTML 48Page - STMicroelectronics L9374LF Datasheet HTML 49Page - STMicroelectronics L9374LF Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
Circuit description
L9374LF
46/80
DocID025414 Rev 1
4.8.10
Sync-failure
Sync failure detects a timing error in the output command synchronization. The master
C
programs a timing window (STW, Section 4.3) where accessing to status address 0 is not
allowed. If there is an access to Status address 0 when the STW flag is set then a sync-
failure is generated (SYNC_F = 1). Also, a SYNC_F will be detected if there is no SPI traffic
at all between two SYNC_SIG events. This status will be read out on the subsequent SPI
transfer.
Without a SYNC_SIG or at sync-failure there is no effect for the actuation and setpoints
A sync-failure detection results in two consecutive error flags (SYNC_F = 1).
To re-synchronize the L9374LF a SYNC_TRIG signal must be sent.
4.8.11
Current not reachable failure (Q3 & Q4)
The Current Not Reachable failure is detected when the current controller control variable is
set to 1FF(Hex) or the current measurement sign_bit is set (‘1’) for more than tCURR_F (8ms
typ). Once a CNR is detected the CNRx bit for that output is set to ‘1’ and the ISAT value is
reset (see sections, 4.5.4, 4.6.1 and, 5.2.1).
The Current Not Reachable detection is used for outputs Q3 and Q4 only.
Table 36. Fault diagnostic summary
Failure
Output
state
Effect
Reset behavior
Openload
off
– bit is set (latched)
Access SPI-register
Undercurrent
on
– bit is set (filtered) see Section 4.8.1: Undercurrent /
openload
Access SPI-register
Overload
on
– bit is set (latched)
– output is switched off
– all set points / current / duty cycle / durations are kept at
zero
Access SPI-register
Over temperature
on
– bit is set (latched)
– output is switched off
– all set points / current / duty cycle / durations are kept at
zero
Access SPI-register
PGND-loss
on + off
– bit is set (latched)
– output is switched off
– all set points / current / duty cycle / durations are kept at
zero
Access SPI-register
SGND-loss
on + off
– No constraints at all functions
– SPI-communication has to be possible
– The SPI-bit SGND_L is set after the filter time
(tSGND_filt)
– All channels are switched off after tSGND_filt and all
current setpoints are deleted
– The sync-parameters are not cleared; sync-counter is
not reset
Access SPI-register
Dx-loss
on
– bit is set (latched)
Access SPI-register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com