Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 38 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 34Page - STMicroelectronics L9374LF Datasheet HTML 35Page - STMicroelectronics L9374LF Datasheet HTML 36Page - STMicroelectronics L9374LF Datasheet HTML 37Page - STMicroelectronics L9374LF Datasheet HTML 38Page - STMicroelectronics L9374LF Datasheet HTML 39Page - STMicroelectronics L9374LF Datasheet HTML 40Page - STMicroelectronics L9374LF Datasheet HTML 41Page - STMicroelectronics L9374LF Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
Circuit description
L9374LF
38/80
DocID025414 Rev 1
4.5.4
Current controller diagnostic performance
The maximum output value from the current controller is 1FF. This values is only reached if
the measured current does not reach the commanded current. If this maximum value
extends for more than tCNR (8ms typ, Table 18.) the Current Not Reachable flag (CNRx,
5.2.4) is set. The PWM controller contains the check for this condition (for details see
section 4.6.1: Current not reachable detection(Q3 and Q4 only):).
A set CNRx flag indicates that the load regulation is out of control and resets the ISAT value.
This forces the ALU to re-learn a new ISAT value returning the system to a stable dynamic
performance.
The ISAT register can be monitored by the master
C to determine if it is on the positive or
negative limit. This will indicate if the current controller is out of range and that the current
precision can not be assured.
4.6
PWM generator
The PWM Generator converts a Duty Cycle Set Point value into a PWM signal for each
Output Driver. The duty cycle setpoint can be derived from either a direct SPI command
(through the Set-Point Controller directly) or through the Current Controller.
The PWM-generator (Figure 23) provides a 4 kHz PWM duty cycle (f_Qx) depending on the
value of the 9 bit control variable. A 9-Bit ring counter counts with a frequency of fCLK
(2 MHz). The ring counter output is compared to the control variable. If the value of the
counter is lower than the control variable the output f_Qx is high turning on the output Qx. If
the value of the counter is equal or higher to the output f_Qx is low turning off the output Qx.
The counter can be reset by either a counter overflow at '1F4(Hex)' (→ 500(10)), or by a
SYNC_TRIG command. The control variable value is changed only when the counter
passes through zero.
Figure 23. PWM control block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com