Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 27Page - STMicroelectronics L9374LF Datasheet HTML 28Page - STMicroelectronics L9374LF Datasheet HTML 29Page - STMicroelectronics L9374LF Datasheet HTML 30Page - STMicroelectronics L9374LF Datasheet HTML 31Page - STMicroelectronics L9374LF Datasheet HTML 32Page - STMicroelectronics L9374LF Datasheet HTML 33Page - STMicroelectronics L9374LF Datasheet HTML 34Page - STMicroelectronics L9374LF Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
DocID025414 Rev 1
31/80
L9374LF
Circuit description
79
Figure 16. Sync-failure + re-synchronization
Re-synchronizing
The master sets the SYNC_TRIG bit to ‘1’ (section 5.1.1) to re-initialize the sync counter.
This re-synchronizes the L9374LF synchronization controller to the master. When this bit is
set three counters are reset: the PWM counter (output frequency and duty cycle),
synchronization counter and the duration counter. The SYNC_TRIG bit is reset (set to ‘0’) by
the L9374LF upon re-synchronization.
The picture below shows the behavior of the output when the synchronization is done. The
time tx is anything lower than 250 μs.
Figure 17. Behavior of the output when the synchronization is done
4.3.2
Time shift between output actuation
The actuations of the outputs are time shifted by 90° (typ. 62.5 μs) to offset their effect on
the supply during switching. This balances the incremental switching current and reduces
the EME generated by the switching of these channels. The new duty cycle or target current
also becomes valid with this 90 degree time shift after the SYNC_SIG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com