Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 15Page - STMicroelectronics L9374LF Datasheet HTML 16Page - STMicroelectronics L9374LF Datasheet HTML 17Page - STMicroelectronics L9374LF Datasheet HTML 18Page - STMicroelectronics L9374LF Datasheet HTML 19Page - STMicroelectronics L9374LF Datasheet HTML 20Page - STMicroelectronics L9374LF Datasheet HTML 21Page - STMicroelectronics L9374LF Datasheet HTML 22Page - STMicroelectronics L9374LF Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
DocID025414 Rev 1
19/80
L9374LF
Electrical specifications
79
Table 19. SVDT test timing
Refer to Section 4.8.13: Silent valve driver test (SVDT).
3.3.12
VD measurement
(refer to Section 4.5.2 VD for details)
VD-Integration time increases linearly with VD.
Table 21. VD measurement bit values
3.3.13
Rs measurement
(refer to Section 4.5.2 : RS for details)
Table 23. Rs SPI bit values
Note:
RS-measurement time increases linearly with RS.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
tx
Minimum passing test time
SVDT Enabled
I_Qx < IUC
90
100
110
μs
ty
Maximum failing test time
SVDT Enabled
I_Qx < IUC
450
500
550
μs
Table 20. VD measurement electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDtol
VD measurement
accuracy
VD = 10 V
-
-
10
%
Vres
Voltage resolution
-
-
0.1
-
V
tint
Integration Time
VD = 13.5 V
0.71
-
ms
SPI - bit
D8
D7
D6
D5
D4
D3
D2
D1
D0
VD-value
16 V
8 V
4 V
2 V
1 V
1/2 V
1/4 V
1/8 V
1/16 V
Table 22. RS measurement electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
RS_M_ACC
RS-measurement
accuracy
--
-
10
%
RS_M_RES
RS-measurement
resolution
-
-
8.6
-
mΩ
SPI - Bit
D8
D7
D6
D5
D4
D3
D2
D1
D0
RS-value
4 Ω
2 Ω
1 Ω
1/2 Ω
1/4 Ω
1/8 Ω
1/16 Ω
1/32 Ω
1/64 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com