Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 29Page - STMicroelectronics L9374LF Datasheet HTML 30Page - STMicroelectronics L9374LF Datasheet HTML 31Page - STMicroelectronics L9374LF Datasheet HTML 32Page - STMicroelectronics L9374LF Datasheet HTML 33Page - STMicroelectronics L9374LF Datasheet HTML 34Page - STMicroelectronics L9374LF Datasheet HTML 35Page - STMicroelectronics L9374LF Datasheet HTML 36Page - STMicroelectronics L9374LF Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
DocID025414 Rev 1
33/80
L9374LF
Circuit description
79
The set point controller receives the following input information:
Synchronization-signal (SYNC_SIG)
Frequency of the PWM-generator (f_A; duty 50 %)
Set Point 1 (Duty cycle/current 1)
= w(n)(9 bits)
Set Point 2 (Duty cycle/current 2)
= w(n+1)(9 bits)
Duration (duration of Duty cycle/current 1) = t(n)(5 bits)
The Duty cycle/current set point value is the only output signal.
The timer commands the change between w(n) and w(n+1) to the Duty cycle/current set
point according to the programmed timing value t(n). The counter in the timing box is
controlled by f_A and bit D9 of address 0 (see Table 33.). If the value of the counter is lower
than t(n) the Duty Cycle/current set point is set to w(n). If the value is equal or higher the
Duty Cycle/current set point is set to w(n+1).
Note that the RESET_VALUE MSB (bit 9 of address 0) affects the timer duration. With the
MSB set the timer values double. This means if the SPI cycle time is equal or higher than 8
ms (>100(H)) the resolution of the duration t(n) is 500 μs per LSB instead of 250 μs.
Table 33. Timer t(n) resolution versus RESET_VALUE MSB
The timer counter is reset by the SYNC_SIG.
All buffers and the timer counter are reset by:
A CLKIN failure detection (CLKIN_F = ‘1’)
A re-synchronization command (SYNC_TRIG = ‘1’)
The value range (externally programmed):
w(n):
9 Bit
w(n+1): 9 Bit
t(n):
5 Bit
Example of set-point control
Below is an example of programming two sets of Set-Points sequentially. After programming
the parameters that govern the synchronization (RESET_VALUE, SYNC_VALUE and the
Table 32. Example of PWM duration timing, t(n)
Duration value (5 Bit)
Add. 0, bit D9
on-time (ms)
00000(2)
X
0 ms (off)
11111(2)
0
7.75 ms
01101(2)
0
3.25 ms
11111(2)
1
15.5 ms
01101(2)
1
6.5 ms
RESET_VALUE (add.0, bit D9)
RESET_VALUE duration
Resolution of timer duration
0
<8ms
250 μs
1
>8ms
500 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com