Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 26Page - STMicroelectronics L9374LF Datasheet HTML 27Page - STMicroelectronics L9374LF Datasheet HTML 28Page - STMicroelectronics L9374LF Datasheet HTML 29Page - STMicroelectronics L9374LF Datasheet HTML 30Page - STMicroelectronics L9374LF Datasheet HTML 31Page - STMicroelectronics L9374LF Datasheet HTML 32Page - STMicroelectronics L9374LF Datasheet HTML 33Page - STMicroelectronics L9374LF Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
Circuit description
L9374LF
30/80
DocID025414 Rev 1
Example
Example for a 5 ms cycle time, 2.5 ms SYNC_VALUE-, STW of +1.75 ms/-1.25 ms:
Cycle time:
–
For programming the cycle time the master has to write the RESET_VALUE (4 bit)
via SPI. One bit has the resolution of 4/f_A = 1 ms.
–
RESET_VALUE: 5 ms / 1 ms = 5
 0101(2)
SYNC_VALUE:
–
For programming the sync-signal the master has to write the SYNC_VALUE (6
bit). The LSB has the resolution of 250 μs.
–
SYNC_VALUE: 2.5 ms / 250 μs = 10
 00 1010(2)
Sync tolerance window:
–
For programming the STW the master must write min and max values (2 x 5 bit):
STW_V_MIN: 0.75 ms
STW_V_MAX: 3.75 ms
STW_V_MIN: 0.75 ms / 250 μs + 1 = 4
 0 0100(2)
STW_V_MAX: 3.75 ms / 250 μs + 1 = 16
 1 0000(2)
Figure 15. Normal mode
SPI transfer means transfer of all send and receive registers (0 through 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com