Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 38Page - STMicroelectronics L9374LF Datasheet HTML 39Page - STMicroelectronics L9374LF Datasheet HTML 40Page - STMicroelectronics L9374LF Datasheet HTML 41Page - STMicroelectronics L9374LF Datasheet HTML 42Page - STMicroelectronics L9374LF Datasheet HTML 43Page - STMicroelectronics L9374LF Datasheet HTML 44Page - STMicroelectronics L9374LF Datasheet HTML 45Page - STMicroelectronics L9374LF Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
Circuit description
L9374LF
42/80
DocID025414 Rev 1
Figure 26. Diagram under current
Figure 27. Diagram openload
4.8.2
Openload
Openload detection is done in the off-state through a multiplexed pull-down resistor, RPD
(see Figure 4). RPD is multiplexed onto each output node sequentially at a fixed 125kHz
rate. The output voltage is measured while RPD is connected to the output. Voltages below
VOL (Table 15) indicate an off-state Open load condition. Multiplexing RPD reduces the
overall “leakage” current while providing a substantial pull-down current to verify open load
status. There is a counter that “debounces” the open load detection similar to the
undercurrent filter counter. Open load is reported in the SPI status registers (bit D0 of
registers 1 - 4, 5.2.2: Output status Q1... Q4 (address 1 to 4)) and is cleared once read.
4.8.3
Overload
If the measured load current is higher than the overcurrent threshold (IOCx, Table 15) a
failure is detected. The overcurrent detection is measured in on state only. This failure is
filtered for tOL (20μs typ., Table 18). After tOL the output is shut down immediately and all of
the set point and control variables are set to zero. This disables the output from further
actuation until the appropriate status registers are read and cleared (refer to 5.2.2). Once
the appropriate SPI status registers are read the offending output(s) are released to be
driven again. This failure detection is used for all outputs.
The overcurrent bit is latched upon an overcurrent detection and reset after reading the
corresponding SPI register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com