Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 41Page - STMicroelectronics L9374LF Datasheet HTML 42Page - STMicroelectronics L9374LF Datasheet HTML 43Page - STMicroelectronics L9374LF Datasheet HTML 44Page - STMicroelectronics L9374LF Datasheet HTML 45Page - STMicroelectronics L9374LF Datasheet HTML 46Page - STMicroelectronics L9374LF Datasheet HTML 47Page - STMicroelectronics L9374LF Datasheet HTML 48Page - STMicroelectronics L9374LF Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
DocID025414 Rev 1
45/80
L9374LF
Circuit description
79
4.8.8
SPI-failure
There are 3 possible SPI-failures:
parity failure (PARITY_F)
clock failure (SPICLK_F)
data failure (DATA_F)
In case of any SPI-Failure the next transmission to the master contains the following data:
Parity failure:
A parity failure is detected if the total number of '1's in the message is not odd. The
PARITY_F bit of status register 0 is set and master message is ignored (no change of the
data). The corresponding status message returned to the master after a parity failure
contains the received address and only ‘1’s for the data bits. The PARITY_F bit can be
cleared by accessing address 0.
SPI clock failure:
The L9375 counts the number of SPICLK positive edges during SPICS actuations
(SPICS=’0’). If this number is unequal to 16 an error is detected and the message is not
used (no change of the data) and the SPICLK_F bit in the status address 0 is set. The
corresponding status message returned to the master after a Clock failure contains the
received address and only ‘1’s for the data bits. The SPICLK_F bit can be cleared by
accessing address 0.
Data failure:
A SPI command with data content that is not allowed produces a data failure (DATA_F).
The Data_F bit in the SPI status register 0 is set if the master writes invalid data to the
config-registers (address 2, 14 and 15). When this failure occurs all data in these addresses
are not modified (no change in the content at these registers).The Data_F bit can be cleared
by accessing address 0.
4.8.9
CLKIN-failure
CLKIN-failure (CLKIN_F) is detected if the input frequency (Table 17) at the CLKIN pin is out
of the specified range for tCLK_F.(Table 18). Once this failure is detected all outputs are
switched off immediately, all set points, control variables, and counters are reset to zero and
the sync_counter is set to one. This frequency is monitored by an internal oscillator. This
oscillator used to clock all internal nodes otherwise driven by CLKIN.
All failures which occur due to a CLKIN-failure are not reflected in any SPI-register. Only a
sync failure will be reflected. Failures which occurred prior to a CLKIN failure are not deleted
or overwritten.
The CLKIN_F bit can be cleared by accessing address 0 once the failure is removed.
MSB
LSB
received address
11111111111
Parit
y
A3
A2
A1
A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com