Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 12Page - STMicroelectronics L9374LF Datasheet HTML 13Page - STMicroelectronics L9374LF Datasheet HTML 14Page - STMicroelectronics L9374LF Datasheet HTML 15Page - STMicroelectronics L9374LF Datasheet HTML 16Page - STMicroelectronics L9374LF Datasheet HTML 17Page - STMicroelectronics L9374LF Datasheet HTML 18Page - STMicroelectronics L9374LF Datasheet HTML 19Page - STMicroelectronics L9374LF Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
Electrical specifications
L9374LF
16/80
DocID025414 Rev 1
3.3.6
Q3 / Q4 (current controller)
(refer to Section 4.5: Current controller for details)
3.3.7
Logic inputs / outputs
Figure 7. Logic inputs
t(n)RES
Resolution of duration
Add. 0 bit D9 = 0
Add. 0 bit D9 = 1
1/f_A
-
250
500
-
μs
μs
NBit
Number of bits for duration
-
-
5
-
-
t(n)MAX
Max. Duration
Add. 0 bit D9 = 0
Add. 0 bit D9= 1
(25-1) x 250 μs
(25-1) x 500 μs
--
7.75
15.5
ms
ms
Table 11. PWM output behavior characteristics (continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Table 12. Q3 / Q4 (current controller) electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
IQ3/Q4
Current range
-
0
1.8
A
IQ3/Q4_res
Current resolution
-
-
3.5
-
mA
IQ3/Q4_acc
Current accuracy
Iload = 0 mA to 400 mA
Iload > 400 mA
--
±24
±6
mA
%
Table 13. Logic inputs electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VIn_low Input threshold
-
-0.3
-
1.0
V
VIn_high Input threshold
-
2.0
-
3.5
V
VIn-hys Input threshold hysteresis
-
50
100
350
mV
IP-U
Internal pull-up current source
for SPICS, SPICLK, MOSI
0 V ≤ VIn-xy ≤ 2 V
-12
-30
-60
μA
IP-D
Internal pull-down current
source for EN, CLKIN
1 V ≤ VIn-xy ≤ 3.45 V
+12
+30
+60
μA
Cin
Input capacitance
Designed but not tested
3.5
-
7.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com