Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 30Page - STMicroelectronics L9374LF Datasheet HTML 31Page - STMicroelectronics L9374LF Datasheet HTML 32Page - STMicroelectronics L9374LF Datasheet HTML 33Page - STMicroelectronics L9374LF Datasheet HTML 34Page - STMicroelectronics L9374LF Datasheet HTML 35Page - STMicroelectronics L9374LF Datasheet HTML 36Page - STMicroelectronics L9374LF Datasheet HTML 37Page - STMicroelectronics L9374LF Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
Circuit description
L9374LF
34/80
DocID025414 Rev 1
SWT values) the parameters Set-Point 1 (DUTY1 or CUR/DTY1), Set-Point 2 (DUTY2 or
CUR/DTY2) and duration t1 (D_Qx) are programmed (for programming instructions see
section 5.1.5: Duration registers (address 4 and 5)).
Generically, after the SYNC_TRIG the Set-Point 1 is valid for t1 ms. After t1 ms the set-point
controller switches to Set-Point 2 until the next SYNC_TRIG event.
Figure 20. Set-point control example
In this example the RESET_VALUE (and therefore the SPI transfer loop time) is set to 5ms
and the SYNC_VALUE is set to 2.5 ms. This sets the SYNC_TRIG at 2.5 ms after each SPI
transfer. At SYNC_TRIG, the new information received at the previous SPI transfer is
incorporated into the Set-Point Controller.
4.5
Current controller
Two outputs (Q3 & Q4) are equipped with a current controller. The current controller
converts the Set-Point controller output (Current Set Point) into a current level regulated
duty cycle command using a sophisticated algorithm incorporating Load resistance supply
voltage, and recirculation path variances.
The current controller output duty cycle information is calculated using a dedicated load
model in standard Arithmetic Logic Unit (ALU). This model includes the supply voltage, the
recirculation path as well as the load resistance. The load resistance value is programmable
via SPI while the recirculation path and the load supply voltage parameters are measured
by the L9374LF. These measured values are readable via SPI as well.
4.5.1
Load resistance error integration phase
The value of the programmed Load is corrected during the valve actuation. This correction
is called the Error Integration Phase and the resulting value (ISAT_Qx,) is accessible via
SPI (Status registers 8 and 9, Section 5.2.5). ISAT_Qx is an internal value of the current
controller. In an ideal system (without any system tolerances) the first approximation is
determined y the equation:
ISAT RL_real
RL_SPI
---------------------
1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com