Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 25Page - STMicroelectronics L9374LF Datasheet HTML 26Page - STMicroelectronics L9374LF Datasheet HTML 27Page - STMicroelectronics L9374LF Datasheet HTML 28Page - STMicroelectronics L9374LF Datasheet HTML 29Page - STMicroelectronics L9374LF Datasheet HTML 30Page - STMicroelectronics L9374LF Datasheet HTML 31Page - STMicroelectronics L9374LF Datasheet HTML 32Page - STMicroelectronics L9374LF Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
DocID025414 Rev 1
29/80
L9374LF
Circuit description
79
Normal sequence
When stepping through a normal sequence of events the following occurs:
At a SYNC_TRIG (SYNC_TRIG=’1’) command the synchronization counter, STW and
SYNC_SIG flags are reset (STW=’0’, SYNC_SIG=’0’)
The counter counts up at a rate defined by f_A = 4 kHz.
When the counter value reaches STW_V_MIN the STW flag is set (STW=’1’)
When the counter value reaches SYNC_VALUE the SYNC_TRIG flag is set
(SYNC_TRIG=’1’) which activates the most recent output commands.
When the counter value reaches the STW_V_MAX value the STW flag is reset
(STW=’0’)
When the counter value is equal to the RESET_VALUE the counter is reset and the
output signal sync_signal is reset (SYNC_SIG=’0’)
Disallowed programming states
Erroneous programming results in the STW flag being set ‘1’
If the STW_V_MIN value is higher than or equal to STW_V_MAX value the STW flag is
set (STW = 1)
If the STW_V_MAX value is higher or equal to the RESET_VALUE value the STW flag
is set (STW = 1)
Synchronization failure
Sync failure detects a timing error in the output command synchronization. The master
C
programs a timing window (STW) where accessing to the Status Register address 0 is not
allowed.If there is an access to the Status Register address 0 when the STW flag is set then
a sync-failure is generated (SYNC_F = 1). Also, a SYNC_F will be detected if there is no
SPI traffic at all between two SYNC_SIG events. This status will be read out on the
subsequent SPI transfer.
Without a SYNC_SIG or at sync-failure there is no effect for the actuation and setpoints
Synchronization controller programming
It is necessary to write into two registers (Command Register addresses 0 and 1, sections
5.1.1 and 5.1.2) to program the Synchronization Controller. The SYNC_VALUE, the
RESET_VALUE and the SYNC_TRIG values are programmed through address 0. The
SYNC_TRIG is written to once to initialize the counter. Once initialized the SYNC_TRIG bit
is reset by the controller. Subsequent SPI transfers the SYNC_TRIG bit should not be set to
avoid re-initializing the sync counter. There is no influence on the sync counter if the
SYNC_TRIG is not set. Occasionally, the sync counter may need re-initializing depending
on the timing between the RESET_VALUE and the
C loop time. The RESET_VALUE is
incremented by 1ms intervals. The SYNC_VALUE is incremented by 250
s intervals.
The STW_V_MIN and STW_V_MAX values are programmed via register 1 (Section 5.1.2).
Their interval length is dependant on the RESET_VALUE MSB (address ‘0’, bit D9)
Table 31. Sync. tolerance window interval length
RESET_VALUE (add.0, bit D9)
RESET_VALUE Duration
Sync tolerance window interval
0
<8ms
250 μs/bit
1
>8ms
500 μs/bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com