Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 59Page - STMicroelectronics L9374LF Datasheet HTML 60Page - STMicroelectronics L9374LF Datasheet HTML 61Page - STMicroelectronics L9374LF Datasheet HTML 62Page - STMicroelectronics L9374LF Datasheet HTML 63Page - STMicroelectronics L9374LF Datasheet HTML 64Page - STMicroelectronics L9374LF Datasheet HTML 65Page - STMicroelectronics L9374LF Datasheet HTML 66Page - STMicroelectronics L9374LF Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
DocID025414 Rev 1
63/80
L9374LF
Programmers guide
79
5.1.8
Configuration register 2 - current control / over-voltage threshold
(address 14)
Current controller / PWM enable
These two bits control the PWM or current regulation algorithm for outputs Q3 and Q4.
When disabled the output reverts to a PWM only configuration as in outputs Q1 and Q2.
Writing Not Valid bit combinations generates a SPI-data-failure and causes that specific SPI
command word to be ignored and subsequent returning Status Register data to be set to all
‘1’s.
Overload threshold Qx:
These two bits change the threshold of the overload diagnosis of channel Q1 and Q2. (See
Table 15. for values and 4.8.3: Overload for a functional description)
Writing Not Valid bit combinations generates a SPI-data-failure and causes that specific SPI
command word to be ignored and subsequent returning Status Register data to be set to all
‘1’s.
MSB
LSB
1
1
1
0
x
x
x
OV_TH_Q2
OV_TH_Q1 CCPWM_Q4 CCPWM_Q3
Parit
y
A3
A2
A1
A0
free
free
free
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 52. Configuration register 2 - current control / over-voltage threshold
Configuration register
Number of bits
Bit location
Name
Current Controller / PWM Switch Q3
2 bit
D1 - D0
CCPWM_Q3
Current Controller / PWM Switch Q4
2 bit
D3 - D2
CCPWM_Q4
Overload threshold Q1
2 bit
D5 - D4
OV_TH_Q1
Overload threshold Q2
2 bit
D7 - D6
OV_TH_Q2
Table 53. Current controller off Q3 / Q4
Bit 1
Bit 0
Combination
0
0
Not Valid
0
1
Current controller enabled (PWM Control Off)
1
0
PWM Control Only (Current Control Off)
1
1
Not Valid
Table 54. Overload threshold Q1 / Q2
Bit 1
Bit 0
Combination
0
0
Not Valid
0
1
Overload threshold 1
1
0
Overload threshold 2
1
1
Not Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com