Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 20Page - STMicroelectronics L9374LF Datasheet HTML 21Page - STMicroelectronics L9374LF Datasheet HTML 22Page - STMicroelectronics L9374LF Datasheet HTML 23Page - STMicroelectronics L9374LF Datasheet HTML 24Page - STMicroelectronics L9374LF Datasheet HTML 25Page - STMicroelectronics L9374LF Datasheet HTML 26Page - STMicroelectronics L9374LF Datasheet HTML 27Page - STMicroelectronics L9374LF Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
Circuit description
L9374LF
24/80
DocID025414 Rev 1
4.1.2
SPI failure detection
SPI communications sent to the L9374LF that contain errors are ignored. This inaction
includes both the commands given and the data retrieved. That is, commands are ignored
and the initial state of the output is not changed. Also data registers referenced by the
erroneous SPI communication will not be reset.
Figure 12. SPI error handling
Three functions are monitored to discern a correct SPI communication from the master:
1.
Correct number of Clock pulses in SPICLK per transfer.
During each SPICS-low-phase the L9374LF counts the number of positive edges of
SPICLK. If this number is unequal to 16 a SPICLK-error is detected.
2.
Parity check (odd)
The L9374LF detects a parity error if the number of ‘1’s within a transfer is even.
3.
Data-failure monitoring:
This bit is set if the master writes inappropriate data to any of the configuration
registers (2/14/15).
4.1.3
Data transfer
Upon the completion of each 16 bit SPI command (rising edge of SPICS), data is
transferred from the SPI block to the appropriate internal registers. Some internal SPI
registers are reset (such as fault bits) once they are accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com