Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 13Page - STMicroelectronics L9374LF Datasheet HTML 14Page - STMicroelectronics L9374LF Datasheet HTML 15Page - STMicroelectronics L9374LF Datasheet HTML 16Page - STMicroelectronics L9374LF Datasheet HTML 17Page - STMicroelectronics L9374LF Datasheet HTML 18Page - STMicroelectronics L9374LF Datasheet HTML 19Page - STMicroelectronics L9374LF Datasheet HTML 20Page - STMicroelectronics L9374LF Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
DocID025414 Rev 1
17/80
L9374LF
Electrical specifications
79
3.3.8
Logic outputs (MISO)
Figure 8. Logic outputs (MISO) circuit
3.3.9
Diagnostic functions at output stage
(refer to Section 4.8: Diagnostics for details)
Table 14. Logic outputs (MISO) electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VMISO_L MISO low voltage
IOut-xy ≤ 25 μA; CL ≤ 30 pF
0
-
0.4
V
VMISO_H MISO high voltage
IOut-xy ≤ -25 μA;
2.5
3.3
3.45
V
RMISO-ON MISO ON resistance
RON+RMISO
40
100
400
Ω
RP-U
MISO pull up resistor
SPICS = high
→ MISO in tristate mode
50
120
300
kΩ
Cin
Input capacitance
designed but not tested
3.5
-
7.5
pF
Table 15. Diagnostic functions at output stage electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VOL
Open load threshold
output off
0.3
0.33
0.39
x VS
IUC
Undercurrent threshold
output on
50
100
140
mA
TSD
Temperature shut down
threshold(1)
1. Monitoring is only active if the output is on.
-
180
200
220
°C
TW
Temperature warning
-
160
180
200
°C
ΔTWSD Difference between TW and TSD TSD-TW
10
-
40
°C
Dx loss Supply loss threshold
-
32
-
39
V
IOC1(1/2) Overcurrent threshold 1 Q1/Q2
OC_TH_Qx = ‘01’
5
7.5
9
A
IOC2(1/2) Overcurrent threshold 2 Q1/Q2
OC_TH_Qx = ‘10’
7
8.5
10
A
IOC(3/4) Overcurrent threshold Q3/Q4
-
358
A
VG_ON
Gate monitoring threshold
Internal node
2.5
-
-
V
VG_OFF Gate monitoring threshold
IQ > 15 mA, Internal node
-
-
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com