Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 36 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 32Page - STMicroelectronics L9374LF Datasheet HTML 33Page - STMicroelectronics L9374LF Datasheet HTML 34Page - STMicroelectronics L9374LF Datasheet HTML 35Page - STMicroelectronics L9374LF Datasheet HTML 36Page - STMicroelectronics L9374LF Datasheet HTML 37Page - STMicroelectronics L9374LF Datasheet HTML 38Page - STMicroelectronics L9374LF Datasheet HTML 39Page - STMicroelectronics L9374LF Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
Circuit description
L9374LF
36/80
DocID025414 Rev 1
4.5.2
Analog signal measure blocks
All internal analog measurements are converted into digital values for use internal to the
L9374LF. These values are accessible via SPI. The supply of the load, an equivalent
measured resistor, as well as an equivalent recirculation diode forward voltage are
measured with the same analog to digital converter sequentially.
VD, Register 5, bits D0-D8
RS, Register 11, bits D0-D8
V_FWD, Register 10, bits D0-D8
VD
The V
D is measured by the L9374LF as the voltage present at pin D13.The value for VD
can be read in the SPI register 5 (refer to 3.3.12: VD measurement and 5.2.3: VD (address
5)).
RS
An equivalent sense resistor is measured internal to the L9374LF. The digital value is stored
in SPI-register 11. The value is corresponding to the measurement resistor which is used for
the current controller. The digital value is multiplied with the factor of 1.8 (refer to 3.3.13: Rs
measurement and 5.2.7: Sense resistor measurement (Rs) (address 11).
This means:
Rs(SPI) = 1.8 · Rsmeasured
To get the right value of Rs it is necessary to divide the SPI-value by 1.8.
The resolution of the LSB is 8.7m
 (typ.) and the parameter range is:
V_FWD
An internal reference diode forward voltage is measured using a fixed bias current. This
corresponds to the forward voltage drop across one of the current controller freewheeling
diodes. The digital value is stored in SPI Status register 10 (refer to 3.3.14: V_FWD
measurement and 5.2.6: Reference diode voltage measurement (V_FWD) (address 10)).
Load current measurements
The load current is measured in both the on and the off state of the output. This measured
current is subtracted from the target current which is set by a digital to analog converter. The
load current difference is converted into a digital signal for each output. This digital signal is
called error average. The error average is an internal value of the current controller. The
error average is the integral of the difference between the target current and real current
within a PWM period (250 μs).
Condition
Rs-value (Ω) (after division by 1.8)
Min
0.62
Typ
1.00 (TK = 1.57 mV/K)
Max
1.58
ERRORAVG_Qx
1
T
---
Itet
arg
Ireal
–
 t
d
T
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com