Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 33Page - STMicroelectronics L9374LF Datasheet HTML 34Page - STMicroelectronics L9374LF Datasheet HTML 35Page - STMicroelectronics L9374LF Datasheet HTML 36Page - STMicroelectronics L9374LF Datasheet HTML 37Page - STMicroelectronics L9374LF Datasheet HTML 38Page - STMicroelectronics L9374LF Datasheet HTML 39Page - STMicroelectronics L9374LF Datasheet HTML 40Page - STMicroelectronics L9374LF Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
DocID025414 Rev 1
37/80
L9374LF
Circuit description
79
The error average is a twos complement number. The range value is {-[value] … +([value]-
LSB)} and
This value is available in the SPI Status registers 13 and 14 (refer to 5.2.9: Error average
(address 13 + 14)).
Figure 22. Integration of the error average
The current controller calculates the correction factor ISAT out of the error average within an
output period (1/f_A). During a period (n) it calculates the control variable y(n) with the
current deviation e(n). At the next period n+1 the control variable y(n) is used. The value
ISAT is always stable if the load resistor value is stable. More details about the usage of
ISAT you will find in the following chapters.
4.5.3
Duty cycle calculation in the ALU
The ALU is shared between outputs 3 and 4 in the L9374LF. The following equation is used
by the ALU to provide the output PWM duty cycle information to the Duty cycle Generator.
Where:
VDR: Forward voltage of the recirculation diode (measured value stored in register V_FWD_Qx)
ITARGET: Value programmed by the SPI and provided by the Set Point Unit
RS: Sense resistor value (measured value stored in register RS)
RLSPI: Value given by the SPI
VBAT: Supply voltage of the load (measured on pin D1/3 stored in register VD)
RDS(on): fixed value of 500mOhm temperature coefficient is not respected
ISAT: Current Controller correction factor
LSB erroraverage

3.6mA
=
dc
VDR ITARGET Rs
+
VDR VBAT ITARGET Rs RDS on

–

++
-------------------------------------------------------------------------------------------------------------
ITARGET RLSPI
VDR VBAT ITARGET Rs RDS on

–

++
-------------------------------------------------------------------------------------------------------------
ISAT 1
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com