Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 35Page - STMicroelectronics L9374LF Datasheet HTML 36Page - STMicroelectronics L9374LF Datasheet HTML 37Page - STMicroelectronics L9374LF Datasheet HTML 38Page - STMicroelectronics L9374LF Datasheet HTML 39Page - STMicroelectronics L9374LF Datasheet HTML 40Page - STMicroelectronics L9374LF Datasheet HTML 41Page - STMicroelectronics L9374LF Datasheet HTML 42Page - STMicroelectronics L9374LF Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
DocID025414 Rev 1
39/80
L9374LF
Circuit description
79
4.6.1
Current not reachable detection(Q3 and Q4 only):
The current not reachable bit is set (CNRx = 1, see section 5.2.4) when the current
controller control variable is set to 1FF(Hex) for more than tCURR_F (8ms typ, Table 18). This
indicates that the current requested has not been attained for that duration. The CNRx bit is
also set when the current measurement sign bit is set to 1 for more than tCURR_F (8ms typ,
Table 18).
In both cases a failure is indicated via SPI (and the ISAT parameter is reset).
4.7
Output driver
The output driver controls the gate of the low side power DMOS as well as provides specific
diagnostic information to the SPI diagnostic registers. There are several signals that control
the actuation of the output power DMOS. In normal operation the typical input is the f_Qx
from the PWM generator. Other inputs that can turn on the output are the silent valve driver
test (SVDT) and the Fast Switch on circuitry. Inputs that can disable the outputs are the fast
switch off command, device enable, and certain failure detections that can potentially cause
catastrophic damage if the output is left on.
Figure 24. Gate drive block diagram with power
4.7.1
Input controls
The output driver control circuit includes the logical combination of the following signals:
PWM Generator output signal: (f_Qx)
Silent Valve Driver Test signal (SVDT)
Device Enable (EN)
Specific Diagnostic failure indications such as PGND loss, overload, over temperature
(Diag_F).
Fast Switch off for all outputs: (FSOFF_ALL)
Fast Switch on Enable: (FSON_EN)
Direct SPI driven output switching through the Fast Switch On command (ONX)
In normal operation, the signals EN = ‘1’, FSOFF_ALL = ‘0’, Diag_F = ‘0’, allow the gate to
be driven by the PWM Generator signal (f_Qx). PWM Generator signal can override the
SVDT input if actuation is commanded during an SVDT.
The signals Diag_F=’0’, EN=’0’ and FSOFF_ALL=’1’ by-pass all other inputs and turn off the
output immediately. The Diag_F flag is set to ‘1’ at the detection of PGND loss, overload and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com