Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 14Page - STMicroelectronics L9374LF Datasheet HTML 15Page - STMicroelectronics L9374LF Datasheet HTML 16Page - STMicroelectronics L9374LF Datasheet HTML 17Page - STMicroelectronics L9374LF Datasheet HTML 18Page - STMicroelectronics L9374LF Datasheet HTML 19Page - STMicroelectronics L9374LF Datasheet HTML 20Page - STMicroelectronics L9374LF Datasheet HTML 21Page - STMicroelectronics L9374LF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
Electrical specifications
L9374LF
18/80
DocID025414 Rev 1
3.3.10
General diagnostic functions
(refer to Section 4.8: Diagnostics for details)
111
3.3.11
Filtering times
Table 16. General diagnostic functions electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VUV
Under voltage threshold
(VS-pin)
3.0
-
5.2
V
VSG_L
Signal GND loss threshold
-
0.2
0.4
0.6
V
VPG_L
Power GND loss threshold
-
0.5
-
2.5
V
VPG_Lh
Power GND loss hysteresis
-
-
1.0
-
V
Table 17. CLKIN-monitoring characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fCLKIN_H250
CLKIN monitoring @ 250 kHz-mode
set SPI bit
frequency too high
300
-
760
kHz
fCLKIN_L250
CLKIN monitoring @ 250 kHz-mode
set SPI bit
frequency too low
90
-
190
kHz
fCLKIN_H1M
CLKIN monitoring @ 1 MHz-mode
set SPI bit
frequency too high
1.20
-
3.04
MHz
fCLKIN_L1M
CLKIN monitoring @ 1 MHz-mode
set SPI bit
frequency too low
0.36
-
0.76
MHz
fCLKIN_OK
CLKIN monitoring
clear SPI bit
CLKIN frequency ok
-
250
1
-
kHz
MHz
Table 18. Failure filtering times characteristics
Symbol
Parameter(1)
1. All parameters based on valid CLKIN (250 kHz / 1 MHz) signal.
Condition
Min.
Typ.
Max.
Unit
tOL
Openload filtering time
outputs off
20
44
70
μs
tUC
Under current filtering time
-
10
20
40
μs
tOVL
Overload switch-off delay time
-
10
20
40
μs
tSD
Thermal shutdown delay time
-
10
40
80
μs
tTW
Thermal warning filtering time
-
10
20
40
μs
tDX_L
Dx loss filtering time
-
1
2
5
μs
tPGND_L Power GND loss filtering time
-
10
20
40
μs
tSGND_L Signal GND loss filtering time
-
10
20
40
μs
t_EN_F
EN filtering time(2)
2.
Digital filter only for falling edges and analog filter for both edges.
-
1.5
2
2.5
μs
tCLK_F
CLKIN-failure detection time
-
140
200
310
μs
tCURR_F
Current not reachable failure
filtering time
-
7.75
8
8.25
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com