Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 55Page - STMicroelectronics L9374LF Datasheet HTML 56Page - STMicroelectronics L9374LF Datasheet HTML 57Page - STMicroelectronics L9374LF Datasheet HTML 58Page - STMicroelectronics L9374LF Datasheet HTML 59Page - STMicroelectronics L9374LF Datasheet HTML 60Page - STMicroelectronics L9374LF Datasheet HTML 61Page - STMicroelectronics L9374LF Datasheet HTML 62Page - STMicroelectronics L9374LF Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
DocID025414 Rev 1
59/80
L9374LF
Programmers guide
79
Writing not valid bit combinations generates a SPI-data-failure and causes that specific SPI
command to be ignored and subsequent returning Status Register data to be set to all ‘1’s.
CLKIN input frequency 1MHz / 250kHz (CLKIN_S):
These two bits set the ratio between internal and external clock (SeeChapter 4.2: Clock).
Writing not valid bit combinations generates a SPI-data-failure and causes that specific SPI
command to be ignored and subsequent returning Status Register data to be set to all ‘1’s.
Fast switch off (FSOFF_ALL):
These two bits (D4 & D5) are normally set to ‘01’. With these two bits set to ‘10’ all outputs
are switched off immediately (without regard to the synchronization). When set to active
these bits clear the fast switch on enable (FSON_EN) bit at address 3 and all set points. It is
not possible to activate any output with status FSOFF_ALL = ‘10’ (active). This bit pattern is
also used to initiate the ALU built in self test, or BIST, (for more details on the Built In Self
Test see Chapter 4.8.12: ALU- BIST (Build in self test)).
Writing Not Valid bit combinations generates a SPI-data-failure and causes that specific SPI
command to be ignored and subsequent returning Status Register data to be set to all ‘1’s.
Fast switch on enable (FSON_EN):
This bit (D6) is normally set to ‘0’. Setting this bit (‘1’) enables the SPI ability to drive outputs
directly. With this bit set, writing to address 3 (bits D0 -D3) turns or off outputs Q1 - Q4. All of
the bits in Command Register 3 are reset when FSON_EN is reset (‘0’).
Table 43. Silent valve driver test (SVDT)
Bit 1
Bit 0
Combination
0
0
Not valid
0
1
Normal condition / no test
1
0
Active
1
1
Not valid
Table 44. CLKIN_S
Bit 1
Bit 0
Combination
0
0
Not valid
0
1
250 kHz
1
0
1 MHz
1
1
Not valid
Table 45. Fast switch off
Bit 1
Bit 0
Combination
0
0
Not Valid
0
1
Normal condition
1
0
Active → all outputs are off
1
1
Not Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com