Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 23Page - STMicroelectronics L9374LF Datasheet HTML 24Page - STMicroelectronics L9374LF Datasheet HTML 25Page - STMicroelectronics L9374LF Datasheet HTML 26Page - STMicroelectronics L9374LF Datasheet HTML 27Page - STMicroelectronics L9374LF Datasheet HTML 28Page - STMicroelectronics L9374LF Datasheet HTML 29Page - STMicroelectronics L9374LF Datasheet HTML 30Page - STMicroelectronics L9374LF Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
DocID025414 Rev 1
27/80
L9374LF
Circuit description
79
4.2.2
Internal oscillator
The 2MHz internal oscillator (fosc, Table 26.) provides a comparison signal used to validate
the incoming CLKIN signal. If the CLKIN signal is determined to be out of range then the
internal oscillator is used to provide clock signals internal to the L9374LF. The internal
oscillator does not have the accuracy of a proper CLKIN signal. Therefore the diagnostic
filter times will reflect the accuracy of this clock for that case.
4.2.3
CLKIN signal monitoring
The CLKIN signal is an external 250 kHz or 1MHz signal from the μC to the L9374LF. This
signal is monitored to be within a specified range (fCLKIN_L <fCLKIN<fCLKIN_H,Table 17.). If the
value is out of range, then the CLKIN_F (CLKIN failure) bit is set to ‘1’. If a CLKIN failure
(fCLK out of range) is detected, the outputs are disabled and the internal 2MHz oscillator is
used as the clock for the internal logic.
4.3
Synchronization controller
Due to the natural SPI communication task time jitter, proper actuation of the outputs
requires some level of synchronization. The Synchronization Controller provides
synchronized output actuation eliminating SPI task time jitter issues.
This function forces the outputs to change their commanded state at a specified point in time
outside the SPI communication window. This also ensures a more stable SPI
communication by minimizing ground fluctuation due to output switching during periods of
SPI communications. This delay between the SPI commands and the output actuation is
programmed by setting the RESET_VALUE and SYNC_VALUE parameters located in
register 0.
4.3.1
Output synchronization
The RESET_VALUE time value is determined by using the typical time between SPI cycles.
When programmed properly, the SPI communications occur at or around the
RESET_VALUE timing. The Sync Tolerance Window (STW) is an interval of time between
RESET_VALUE times where accessing the Sync Section 5.1.1: Sync + Sync-trigger register
(address 0) during this interval generates a sync failure (SYNC_F). This window is defined
by the parameters STW_V_MIN and STW_V_MAX.
The SYNC_VALUE is a programmed delay after the RESET_VALUE when the output
transitions occur. This delay is typically set as half of the RESET_VALUE. This sets the
output transitions furthest from each SPI cycle and during the STW.
Table 30. Clock validation
CLKIN
CLKIN_S 250 kHz / 1 MHz
fCLK
CLKIN_F
250 kHz
250 kHz
2 MHz
0 (no failure)
1 MHz
1 MHz
2 MHz
0 (no failure)
250 kHz
1 MHz
1 MHz
1 (failure)
1 MHz
250 kHz
8 MHz
1 (failure)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com