Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 39Page - STMicroelectronics L9374LF Datasheet HTML 40Page - STMicroelectronics L9374LF Datasheet HTML 41Page - STMicroelectronics L9374LF Datasheet HTML 42Page - STMicroelectronics L9374LF Datasheet HTML 43Page - STMicroelectronics L9374LF Datasheet HTML 44Page - STMicroelectronics L9374LF Datasheet HTML 45Page - STMicroelectronics L9374LF Datasheet HTML 46Page - STMicroelectronics L9374LF Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 80 page
background image
DocID025414 Rev 1
43/80
L9374LF
Circuit description
79
Outputs Q1 and Q2 have a selectable overcurrent threshold. These currents are individually
selectable as well. (see Table 15 also 5.1.8: Configuration register 2 - current control / over-
voltage threshold (address 14))
This failure detection is also used during SVDT (see 4.8.13: Silent valve driver test (SVDT)).
4.8.4
Thermal warning and thermal shutdown
The L9374LF is equipped with a two stage thermal protection system. This system provides
for an early thermal warning and a thermal overload shutdown protection. With thermal
warning some countermeasures can be realized by the Master
C to potentially prevent
thermal shutdown. The temperature for each output is only measured when the output is on.
Temperature warning has the same functionality as over-temperature. The only differences
are:
The threshold is 20°C below over-temperature.
The Output is not shut down.
The SPI-Bit shows the actual status at the time it is accessed.
Thermal warning
If the measured value is higher than the thermal warning threshold, TW (Table 15), for tTW
(Table 18)the appropriate thermal warning bit for that output is set in the SPI Status register
(bit D8 of status registers 1 - 4, Section 5.2.2). No other action is taken. Reading the status
registers clears the TW bit(s) once the device is cooled sufficiently. This failure detection is
used for all outputs.
Thermal shutdown
When the measured temperature exceeds the thermal shutdown threshold, TSD, a failure is
detected. This failure detection is filtered for tOT (40 μs typ., Table 18). After tOT the output is
shut down immediately and all of the set point and control variables are set to zero. This
disables the output from further actuation until the over temperature condition is removed
and appropriate status register(s) (status registers 1 - 4, Section 5.2.2)) are read. Reading
the status registers clears the TSD bits once the device is cooled sufficiently. This failure
detection is used for all outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com