Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 19Page - STMicroelectronics L9374LF Datasheet HTML 20Page - STMicroelectronics L9374LF Datasheet HTML 21Page - STMicroelectronics L9374LF Datasheet HTML 22Page - STMicroelectronics L9374LF Datasheet HTML 23Page - STMicroelectronics L9374LF Datasheet HTML 24Page - STMicroelectronics L9374LF Datasheet HTML 25Page - STMicroelectronics L9374LF Datasheet HTML 26Page - STMicroelectronics L9374LF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
DocID025414 Rev 1
23/80
L9374LF
Circuit description
79
Messages from the master (μC) to the L9374LF is sent over the MOSI (Master out Slave In)
pin. Messages from the L9374LF to the master will be sent over the MISO (Master in Slave
Out) pin.
The master starts the communication with a '1'
 '0' transition on the SPICS pin. After
tLEAD,(Table 27.) the master sends a clock signal to the SPICLK and data to the MOSI pin.
The SPICLK pin must be low at the falling edge of SPICS and remain low for tLEAD for
correct communication to occur. The SPICS pin must rise after every 16 bits sent.
The MISO pin is tri-stated with an high ohmic pull-up resistor when the SPI chip select
(SPICS) pin is held high.
The SPI has the following features:
4 wire SPI (SPICS, SPICLK, MOSI, MISO)
Word length of 16-Bits (0..15)
4 address and 11 data bits and one parity bit
16 receive-buffers (11 bit wide)
16 send-buffers (11 bit wide)
4.1.1
General protocol
The protocol has the following structure:
A parity-bit at the LSB and eleven data bits (bits 1 to 11).
The four address bits are at the highest position at the transfer (bits 12 - 15).
SPI communication begins with the MSB.
High level = '1'
Low level = '0'
Figure 11. General SPI protocol
Ax: address bits
Dx: data bits
P:
parity bit
A message from the L9374LF to the master μC (MISO) contains 4 address bits. These bits
are not a copy of the received address from the previous transmission, but are addresses
that were decoded from the address decoder. This is done so that the master (μC) has the
ability to discern the integrity of the L9374LF address decoder.
Every time an error bit in one of the SPI registers is set by the L9374LF it will remain set until
the corresponding register has been read out via SPI. Once a status register has been read
the corresponding register will be reset upon the rising edge of SPICS.
Every SPI communication writes data into a register (read only not possible). Every SPI
response is associated with the address of the message sent one communication before.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com