Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 24Page - STMicroelectronics L9374LF Datasheet HTML 25Page - STMicroelectronics L9374LF Datasheet HTML 26Page - STMicroelectronics L9374LF Datasheet HTML 27Page - STMicroelectronics L9374LF Datasheet HTML 28Page - STMicroelectronics L9374LF Datasheet HTML 29Page - STMicroelectronics L9374LF Datasheet HTML 30Page - STMicroelectronics L9374LF Datasheet HTML 31Page - STMicroelectronics L9374LF Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
Circuit description
L9374LF
28/80
DocID025414 Rev 1
Figure 14. Synchronization controller block diagram
Inputs
The synchronization controller receives the following input signals:
f_A = 4 kHz for internal clocking.
SYNC_TRIG =”1” initiates the synchronization timing with that SPI event.
SPI synchronization values (SYNC_VALUE, RESET_VALUE, STW_V_MIN;
STW_V_MAX) provide the parameters that allow for output synchronization.
Outputs
The synchronization controller provides the following output signals:
The STW signal is used in conjunction with accessing address 0 to notify the master
that the SPI cycles are within the programmed exclusionary window (SYNC_F=1).
The SYNC_SIG initiates the actuation of the new output commands.
The synchronization counter increases its value with every period of f_A. When the value of
the counter equals the SYNC_VALUE a synchronization signal (SYNC_SIG) is generated
(SYNC_SIG=’1’).
The synchronization counter continually counts to the RESET_VALUE and resets unless a
SYNC_TRIG command is sent. If a SYNC_TRIG command is sent then the counter resets
immediately. Upon resetting the SYNC_TRIG and STW signals are reset (SYNC_SIG =
STW =’0’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com