Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 17Page - STMicroelectronics L9374LF Datasheet HTML 18Page - STMicroelectronics L9374LF Datasheet HTML 19Page - STMicroelectronics L9374LF Datasheet HTML 20Page - STMicroelectronics L9374LF Datasheet HTML 21Page - STMicroelectronics L9374LF Datasheet HTML 22Page - STMicroelectronics L9374LF Datasheet HTML 23Page - STMicroelectronics L9374LF Datasheet HTML 24Page - STMicroelectronics L9374LF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
DocID025414 Rev 1
21/80
L9374LF
Electrical specifications
79
Note:
The MISO pin is tri-stated with a weak pull-up when SPICS is high.
Table 27. SPI timing characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fSPICLK
SPICLK frequency
Cload ≤ 30 pF
0
-
5
MHz
tSPICLK-high,
tSPICLK-low
SPICLK high time / low time
-
68
-
-
ns
tlead
SPICS -> SPICLK delay
-
80
-
-
ns
tlag
SPICLK -> SPICS delay
-
60
-
-
ns
tMOSI-stable MOSI stable
-
68
-
-
ns
trise/tfall
SPICLK, MOSI
rise time / fall time
Cload ≤ 150 pF
0
-
100
ns
tMISO-delay SPICLK -> MISO delay
Cload ≤ 150 pF
-
-
80
ns
tMISO-rise,
tMISO-fall
MISO rise time / fall time(1)
Cload ≤ 15 pF
Cload ≤ 50 pF
Cload ≤ 65 pF
0.8
2.5
3.5
2
7
9
7
21
28
ns
ns
ns
tSPICS-high SPICS high time / low time
Cload ≤ 150 pF
150
-
-
ns
tMISO_tri
MISO tri-state
Cload ≤ 150 pF
-
-
100
ns
1. guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com