Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 44Page - STMicroelectronics L9374LF Datasheet HTML 45Page - STMicroelectronics L9374LF Datasheet HTML 46Page - STMicroelectronics L9374LF Datasheet HTML 47Page - STMicroelectronics L9374LF Datasheet HTML 48Page - STMicroelectronics L9374LF Datasheet HTML 49Page - STMicroelectronics L9374LF Datasheet HTML 50Page - STMicroelectronics L9374LF Datasheet HTML 51Page - STMicroelectronics L9374LF Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
Circuit description
L9374LF
48/80
DocID025414 Rev 1
4.8.12
ALU- BIST (Build in self test)
The ALU BIST is based on a Cyclic Redundancy Check (CRC) value calculation. For this
reason it is possible to bring the sequencer, which controls the calculation of the current
regulation ALU, into a special BIST mode. This mode is programmable via SPI using a
special sequence of commands. The BIST is enabled when the fast switch off (FSOFF_ALL
= ‘10’) command is given. The BIST then starts when the Res_CCV command (Res_CCV =
‘01’) along with a characteristic polynomial is programmed via SPI into register 15 (see
Section 5.1.9). The BIST is autonomous, once it is started, it cannot be interrupted. The
internal registers are used to provide values to the ALU during the BIST. These registers will
be reset at the start of the BIST. After the BIST has finished the BIST busy bit (status
address 5, bit D9) is reset and the CRC checksum is available. The checksum and can be
read out via SPI from the ISAT_Q3 register (status address 8, bits D0 - D9, Section 5.2.5).
The BIST mode can then be exited when the fast switch off all command is reversed
(FSOFF_ALL = ‘01’). The used registers will be cleared to their power-on reset state when
the L9374LF exits BIST mode.
Figure 29. Functional overview of the ALU BIST
To achieve test coverage higher than 97% with the BIST the following 4 polynomial values
are recommended.
1.
194d (1100 0010)
2.
225d (1110 0001)
3.
212d (1101 0100)
4.
245d (1111 0101)
Sequence to perform the ALU built in self test during application:
1.
Initiate the BIST sequencer; SPI command address: 2, FSOFF_ALL = 10).
Note: The sequencer is then waiting for the programming of the characteristic
polynomial to start the BIST.
2.
Program the characteristic polynomial (SPI command address 15 RL= xxxxxxxx) while
setting Res_CCV (=’01’). While the BIST is running BIST busy bit (BIST_BUSY Status
address 5, bit D9) is set to ‘1’.
Note: Programming address 15 starts the BIST sequence. At the beginning of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com