Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 51Page - STMicroelectronics L9374LF Datasheet HTML 52Page - STMicroelectronics L9374LF Datasheet HTML 53Page - STMicroelectronics L9374LF Datasheet HTML 54Page - STMicroelectronics L9374LF Datasheet HTML 55Page - STMicroelectronics L9374LF Datasheet HTML 56Page - STMicroelectronics L9374LF Datasheet HTML 57Page - STMicroelectronics L9374LF Datasheet HTML 58Page - STMicroelectronics L9374LF Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
DocID025414 Rev 1
55/80
L9374LF
Circuit description
79
Figure 36. Test failed: high resistive load / undercurrent
A failed test sequence for under current condition
The test sequence:
1.
Disable Edge Shaping (Command address 2, bits D8 & D7 = ‘10’)
2.
Initiate SVDT (Command address 2; bits D1 & D0 = ‘10’)
3.
Qx switches on at the next sync-signal (sequence of actuation: Q1..Q4)
4.
The output current increases but does not reach the undercurrent value, IUC.
5.
After ty the output is switched off.
6.
After the output is disabled if the output clamps the voltage to VZ (35V) a Dx_Loss is
detected.
7.
If an Over temperature is not detected then the SDVT test is passed
8.
The SVDT will then test at Qx+1 until all 4 outputs have been tested.
Criterion:
the current value does not reach the undercurrent value within time ty
SPI:
Status registers 1 - 4, UC_Qx bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com