Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 60Page - STMicroelectronics L9374LF Datasheet HTML 61Page - STMicroelectronics L9374LF Datasheet HTML 62Page - STMicroelectronics L9374LF Datasheet HTML 63Page - STMicroelectronics L9374LF Datasheet HTML 64Page - STMicroelectronics L9374LF Datasheet HTML 65Page - STMicroelectronics L9374LF Datasheet HTML 66Page - STMicroelectronics L9374LF Datasheet HTML 67Page - STMicroelectronics L9374LF Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
Programmers guide
L9374LF
64/80
DocID025414 Rev 1
5.1.9
Configuration register 3 (CCV reset and load resistance values)
(address 15)
C
Reset current controller values command (Res_CCV):
The Current Controller values are reset and the new RL_SPI is used after the reset time.
During the reset phase the current controller regulation variable ISAT is set to zero and no
current regulation is possible. When changing the RL_SPI it is necessary to reset the
current controller by giving this command
.
Writing Not Valid bit combinations generates a SPI-data-failure and causes that specific SPI
command word to be ignored and subsequent returning Status Register data to be set to all
‘1’s.
RL_SPI:
RL_SPI is an 8 bit value representing the expected load resistance driven by the current
controller outputs (Q3 and Q4). This value is used for both current controllers. The controller
performance is best with RL_SPI close to the real value of the load resistor.
:
MSB
LSB
1111
x
Res_CCV
RL_SPI
Parit
y
A3
A2
A1
A0
free
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 55. Configuration register 3
Configuration register
Number of bits
Bit location
Name
Reset current controller values
2 bit
D9 - D8
Res_CCV
RL_SPI
8 bit
D7 - D0
RL_SPI
Table 56. Reset current controller values command
Bit 1
Bit 0
Combination
0
0
Not Valid
0
1
Reset
1
0
Normal Condition
1
1
Not Valid
Table 57. Load resistor value
D7
D6
D5
D4
D3
D2
D1
D0
SPI - Bit
8 Ω
4 Ω
2 Ω
1 Ω
1/2 Ω
1/4 Ω
1/8 Ω
1/16 Ω
RL_SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com