Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 16Page - STMicroelectronics L9374LF Datasheet HTML 17Page - STMicroelectronics L9374LF Datasheet HTML 18Page - STMicroelectronics L9374LF Datasheet HTML 19Page - STMicroelectronics L9374LF Datasheet HTML 20Page - STMicroelectronics L9374LF Datasheet HTML 21Page - STMicroelectronics L9374LF Datasheet HTML 22Page - STMicroelectronics L9374LF Datasheet HTML 23Page - STMicroelectronics L9374LF Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
Electrical specifications
L9374LF
20/80
DocID025414 Rev 1
3.3.14
V_FWD measurement
(refer to Section 4.5.2 : V_FWD for details)
V_FWD-measurement time increases linearly with V_FWD.
Table 25. V_FWD SPI bit Values
3.3.15
Internal oscillator
3.3.16
SPI timing characteristics SPICLK, MISO, MOSI, SPICS
Figure 9. SPI timing characteristics SPICLK, MISO, MOSI, SPICS
Table 24. V_FWD measurement electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VFWD_ACC
V_FWD measurement accuracy
-
-
-
10
%
VFWD_RES
V_FWD measurement resolution
-
-
7.8
-
mV
VFWD_MEAS Expected measured voltage range
-
0.5
0.7
1.3
V
SPI - Bit
D8
D7
D6
D5
D4
D3
D2
D1
D0
V_FWD
2 V
1 V
1/2 V
1/4 V
1/8 V
1/16 V
1/32 V
1/64 V 1/128 V
Table 26. Internal oscillator electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
fosc
Oscillator frequency
-
1.4
2.0
2.6
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com