Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 45Page - STMicroelectronics L9374LF Datasheet HTML 46Page - STMicroelectronics L9374LF Datasheet HTML 47Page - STMicroelectronics L9374LF Datasheet HTML 48Page - STMicroelectronics L9374LF Datasheet HTML 49Page - STMicroelectronics L9374LF Datasheet HTML 50Page - STMicroelectronics L9374LF Datasheet HTML 51Page - STMicroelectronics L9374LF Datasheet HTML 52Page - STMicroelectronics L9374LF Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
DocID025414 Rev 1
49/80
L9374LF
Circuit description
79
sequence the internal registers are reset. It’s not possible to interrupt the BIST. When
the BIST is completed, the BIST busy bit is reset to’0’ and the checksum is available to
be read.
The BIST_BUSY bit reflects the actual status of the sequencer. 1: BIST is running or
has been run previously and no current regulation is possible.
3.
Readout the BIST checksum value located in status address 8, bits D0 - D9).
4.
Repeat steps 2 and 3 until all of the polynomials have been run through the sequencer.
5.
To exit the BIST mode write FSOFF_ALL = ‘01’ (command address 2, bits D4 & D5).
At this point you must re-program a new RL value (SPI command address 15, RL =
xxxxxxxx).
Note: Once leaving the BIST mode the internal registers are set to default values. After
exiting the BIST mode and providing a new RL value the sequencer is ready to learn a
new current regulation.
It is possible to program new current regulator set values in the same SPI access loop
(Address. 0 to 15) where the BIST is stopped and a new RL value is written.
Affected internal registers from BIST:
XBuf
Register for intermediate results
YBuf
Register for intermediate results
DC0
Register for intermediate result of DC
ISAT_Q3
Integration register for Channel 3
The contents of these register are reset at the initiation and completion of the BIST.
Just using the fast switch off command alone (FSOFF_ALL=’10) does not initiate a BIST.
This action will only initiate the sequencer into the BIST ready state. The BIST will not be
started until programing a polynomial via SPI into address 15 is completed. Until that point
the internal registers will not be reset. It is possible to leave the BIST ready state with by
reversing the fast switch off command (Command address 2, FSOFF_ALL = ‘01’). The
sequencer is then ready for new current regulation commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com