Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 66Page - STMicroelectronics L9374LF Datasheet HTML 67Page - STMicroelectronics L9374LF Datasheet HTML 68Page - STMicroelectronics L9374LF Datasheet HTML 69Page - STMicroelectronics L9374LF Datasheet HTML 70Page - STMicroelectronics L9374LF Datasheet HTML 71Page - STMicroelectronics L9374LF Datasheet HTML 72Page - STMicroelectronics L9374LF Datasheet HTML 73Page - STMicroelectronics L9374LF Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
Programmers guide
L9374LF
70/80
DocID025414 Rev 1
Output duty:
This value shows the duty cycle commanded by the current controller (9 bit control variable)
just prior to the time of the SPI transfer. The resolution of LSB is that f the PWM command
register of 0.2%.
Timing example:
Time base: 5 ms between SPI transfers
Output-frequency: 4 kHz
 250 μs
The Out_Duty_Qx value shows the duty cycle at 4,75 ms.
The maximum value read is 1FF(H). This occurs when the output current cannot reach the
commanded value (refer to section 3.3.6: Q3 / Q4 (current controller) for more information).
Current Not Reachable (CNRx):
This bit is set if the control variable of the current at output Qx shows the maximum value
(1FF(H)) for more than 8 ms (typ.). This bit can be cleared by accessing this address, when
the failure does not exist anymore (refer to section 3.3.6: Q3 / Q4 (current controller) for
more information).
5.2.5
ISAT-Qx (address 8 + 9)
ISAT_Qx:
ISAT_Qx is an internal value of the current controller. This is used by the current controller
to provide accurate current regulation (refer to section 3.3.6: Q3 / Q4 (current controller) for
more details).
MSB
LSB
10000
ISAT_Q3
Parit
y
10001
ISAT_Q4
Parit
y
A3
A2
A1
A0
free
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 67. ISAT_Qx
Channel status
Number of bits
Name
ISAT_Qx
10 Bit
ISAT_Qx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com