Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9374LF Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9374LF
Description  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 72Page - STMicroelectronics L9374LF Datasheet HTML 73Page - STMicroelectronics L9374LF Datasheet HTML 74Page - STMicroelectronics L9374LF Datasheet HTML 75Page - STMicroelectronics L9374LF Datasheet HTML 76Page - STMicroelectronics L9374LF Datasheet HTML 77Page - STMicroelectronics L9374LF Datasheet HTML 78Page - STMicroelectronics L9374LF Datasheet HTML 79Page - STMicroelectronics L9374LF Datasheet HTML 80Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
DocID025414 Rev 1
77/80
L9374LF
Register block functional overview
79
8
ISAT_Q3
free
ISAT_Q3
ISAT_
Q3_9
ISAT_
Q3_8
ISAT_
Q3_7
ISAT_
Q3_6
ISAT_
Q3_5
ISAT_
Q3_4
ISAT_
Q3_3
ISAT_
Q3_2
ISAT_
Q3_1
ISAT_
Q3_0
power on
reset status
00000000000
9
ISAT_Q4
free
ISAT_Q4
ISAT_Q
4_9
ISAT_Q
4_8
ISAT_Q
4_7
ISAT_Q
4_6
ISAT_Q
4_5
ISAT_Q
4_4
ISAT_Q
4_3
ISAT_Q
4_2
ISAT_Q
4_1
ISAT_Q
4_0
power on
reset status
00000000000
10
V_FWD
free
free
V_FWD
V_FWD_8 V_FWD_7 V_FWD_6 V_FWD_5 V_FWD_4 V_FWD_3 V_FWD_2 V_FWD_1 V_FWD_0
power on
reset status
0
0
xxxxxxxx
11
RS
free
free
Rs
RS_8
RS_7
RS_6
RS_5
RS_4
RS_3
RS_2
RS_1
RS_0
power on
reset status
00
12
CC-STATUS
free
Res_
CCV
RL_SPI
RL_SPI
Res_CC
V_1
Res_CC
V_0
RL7
RL6
RL5
RL4
RL3
RL2
RL1
RL0
power on
reset status
00101000000
13
ERRORAV
G_Q3
free
free
ERRORAVG_Q3
ERROR
AVG_Q
3_8
ERROR
AVG_Q
3_7
ERROR
AVG_Q
3_6
ERROR
AVG_Q
3_5
ERROR
AVG_Q
3_4
ERROR
AVG_Q
3_3
ERROR
AVG_Q
3_2
ERROR
AVG_Q
3_1
ERROR
AVG_Q
3_0
power on
reset status
00000000000
14
ERRORAV
G_Q4
free
free
ERRORAVG_Q4
ERROR
AVG_Q
4_8
ERROR
AVG_Q
4_7
ERROR
AVG_Q
4_6
ERROR
AVG_Q
4_5
ERROR
AVG_Q
4_4
ERROR
AVG_Q
4_3
ERROR
AVG_Q
4_2
ERROR
AVG_Q
4_1
ERROR
AVG_Q
4_0
power on
reset status
00000000000
15
RESERVED
RESERVED
answer to
access
00000000000
Table 75. Overview answer register block (continued)
address
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com