Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 41Page - STMicroelectronics L9960 Datasheet HTML 42Page - STMicroelectronics L9960 Datasheet HTML 43Page - STMicroelectronics L9960 Datasheet HTML 44Page - STMicroelectronics L9960 Datasheet HTML 45Page - STMicroelectronics L9960 Datasheet HTML 46Page - STMicroelectronics L9960 Datasheet HTML 47Page - STMicroelectronics L9960 Datasheet HTML 48Page - STMicroelectronics L9960 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 95 page
background image
DS11115 Rev 10
45/95
L9960, L9960T
Functional description
94
The ideal switching waveforms generated by an inductive load operating in switching mode
are described in the following figure. The Initial state of the bridge shown in the figure
corresponds to a freewheeling phase.
Figure 19. Ideal waveforms of switching with slew rate control
There are two phases during each turn-on and turn-off, in which the output slew-rate is
controlled: current slope control for phase A, and voltage slope control for phase B (phase
A and B refer to Figure 19).
During phase A (current slope control), a constant gate current IA results in a defined
dIout/dt due to the transconductance of the output stage (no closed loop control).
GAPGPS02336
Vgate_fb
VC,Miller
Vgate_fb
IA
IB
IA
IB
Vcharge_pump
IS1
IS2
ICP1
ICP2
VS/R_th
(RDSON min.)
AB
BA
1
2
3
4
5
6
7
8
9
10
Vout_on
ILoad=Vps/R* DC
ZOOM
VMOS
IOUT
Toverlap
Vbat
I load
GateDrive
HSideMOS
diode
I
out
V
drain_source
V
ds
I
gate_source
V
gate
I
Conditions)
(Initial
OFF
TURN-ON
ON
TURN-OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com