Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 66 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 62Page - STMicroelectronics L9960 Datasheet HTML 63Page - STMicroelectronics L9960 Datasheet HTML 64Page - STMicroelectronics L9960 Datasheet HTML 65Page - STMicroelectronics L9960 Datasheet HTML 66Page - STMicroelectronics L9960 Datasheet HTML 67Page - STMicroelectronics L9960 Datasheet HTML 68Page - STMicroelectronics L9960 Datasheet HTML 69Page - STMicroelectronics L9960 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 95 page
background image
Functional description
L9960, L9960T
66/95
DS11115 Rev 10
Figure 28. Example of NO Overcurrent detection by Tdiag2
The way to define the validity of the diagnostic is based on a programmable time called
"Tdiag1" and the fixed time “Tdiag2”. As soon as an activation command is set (PWM edge
or IN1!=IN2), the timing "Tdiag1" starts.
Tdiag1 is defined as the maximum programmable time in which it is expected that the
current reaches the current limitation threshold for a valid detection. Tdiag2 starts
automatically when Ion_th is overcome and depends on the conditions on Vps (pls refer to
Vps_norm thresholds on Table 63). Both are digital filters and guaranteed through scan.
Depending on the load current profile the two filters could be overlapped or as worst case,
sequential.
Here below it is explained the diagnostics result, with respect to Iload and Tdiag1 and Tdiag2:
If the current reaches the over-current threshold "OC_hs(ls)" for a duration "Toc_hs
(ls)" during diagnostics (Tdiag1, Tdiag2), the failure is detected and the bits "OCxx1:0"
are set to "00", which means "OVER-CURRENT ".
If the current is above I_lim_H and below the over-current threshold "OC_hs(ls)" and
the duration above Ion_threshold is shorter than “Tdiag2”, then "OCxx1:0" are set to
"10" which means "NO OVER-CURRENT".
If the current is above I_lim_H and below the over-current threshold "OC_hs(ls)" and
the duration above Ion_threshold is longer than “Tdiag2”, then "OCxx1:0" are set to
"10" which means "NO OVER-CURRENT" (current limitation reached).
If the Tdiag1 duration cannot be reached and no overcurrent detected for duration
Toc_hs(ls), then "OCxx1:0" are set to "10" which means "NO OVER-CURRENT".
If the current is above Ion_threshold and below the over-current threshold "OC_hs(ls)"
and an overcurrent is detected in same time as diagonal MOS, then "OCxx1:0" are set
to "11" which means "NO OVER-CURRENT BUT IO-ON is above threshold"
In case the overcurrent threshold is reached after Tdiag1+Tdiag2 expiration (worst case),
the device is still protected by an automatic shut-off after Timer expiration.
Ion_th
ILoad
Ioc
Tdiag2
Tdiag1
User case for validity bit assertion
GAPGPS02551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com