Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 39Page - STMicroelectronics L9960 Datasheet HTML 40Page - STMicroelectronics L9960 Datasheet HTML 41Page - STMicroelectronics L9960 Datasheet HTML 42Page - STMicroelectronics L9960 Datasheet HTML 43Page - STMicroelectronics L9960 Datasheet HTML 44Page - STMicroelectronics L9960 Datasheet HTML 45Page - STMicroelectronics L9960 Datasheet HTML 46Page - STMicroelectronics L9960 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
DS11115 Rev 10
43/95
L9960, L9960T
Functional description
94
The current SR setting is reported by bit "ISR_echo"
Note:
(-) available in the R8 bit position in SPI answer frame 7a.
4.6.3
Voltage slew rate
The voltage slew rate on HS FETs can be set in real time by SPI.
The corresponding read/write bit is "VSR". Only the power transistors not used for
freewheeling are adjustable, the two others are controlled with a preset slew rate.
Note:
(-) available in the R6 bit position in SPI command frame 3.
Voltage Slew rate depends upon the VSR/NOSR bit configuration also on the following
bit/conditions (ILIM_REG, overcurrent or Tj (and TDSR)) as defined in the table below.
The voltage SR setting is reported by bit "VSR_echo".
Note:
(-) available in the R7 bit position in SPI answer frame 7a.
Table 48. ISR_echo
Bit status
Description
Condition
0
echo ISR SLOW config
-
1
echo ISR FAST config
Default value
Table 49. VSR
Bit status
Description
Condition
0
see table below
-
1
default value see table
Reset value
Table 50. Voltage slew rate
Range/ condition
VSR
TDSR
NOSR
Condition
SLOW
0
X
0
Slow dV/dT
FAST (Default at POR)
1
X
0
Fast dV/dT
SR disabled if ILIM_REG = 1
Or NOC = 0
X
X
X
Very fast dv/dt
Slew rate disabled if
tj > OTwam
X
1
X
Very fast dv/dt
Slew rate disabled
X
X
1
Very fast dv/dt
Table 51. VSR_echo
Bit status
Description
Condition
0
echo VSR SLOW config
-
1
echo VSR FAST config
Default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com