Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 38Page - STMicroelectronics L9960 Datasheet HTML 39Page - STMicroelectronics L9960 Datasheet HTML 40Page - STMicroelectronics L9960 Datasheet HTML 41Page - STMicroelectronics L9960 Datasheet HTML 42Page - STMicroelectronics L9960 Datasheet HTML 43Page - STMicroelectronics L9960 Datasheet HTML 44Page - STMicroelectronics L9960 Datasheet HTML 45Page - STMicroelectronics L9960 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 95 page
background image
Functional description
L9960, L9960T
42/95
DS11115 Rev 10
4.6
Driver configuration
The following features of the driver stage are configurable by SPI allowing to better fit it to
the application requirements and also to the type of load.
Slew rate control
Current limitation thresholds
Overcurrent thresholds
Thermal warning and Shutdown thresholds
4.6.1
Slew rate control
The slew rate of each high side power transistor of the bridge is controlled either during turn-
on and turn-off (current and voltage slew rate). The same setting is applied for both
switching phases. Moreover, the slew rate is configurable by SPI in order to get the best
trade-off between conducted/radiated EMI and power dissipation during switching.
The overall delay implemented between high-side and low-side transistor switching is
adjusted automatically to avoid any cross-conduction through one half-bridge in all
conditions (Tsw).
4.6.2
Current slew rate
The current slew rate can be set in real time by SPI.
The corresponding read/write bit is "ISR".
No external component is needed to select the current slew rate range.
Note:
(-) available in the D7 bit position in SPI command frame 3.
Current slew rate depends upon the ISR/NOSR configuration also on the following bits and
conditions (ILIM_REG, overcurrent or Tj) as defined in the table below.
Table 46. ISR
Bit config
Description
Condition
0
see table below
-
1
default value see table
Reset value
Table 47. Range current slew rate
Range/ condition
ISR
TDSR
NOSR
Comment
SLOW
0
X
0
Slow DI/DT
FAST
1
X
0
Fast DI/DT
SR disabled if ILIM_REG = 1
Or NOC=0
XXX
current slew rate not
controlled
Slew rate disabled if tj > Otwam
X
1
X
Slew rate disabled
X
X
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com