Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 59 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 55Page - STMicroelectronics L9960 Datasheet HTML 56Page - STMicroelectronics L9960 Datasheet HTML 57Page - STMicroelectronics L9960 Datasheet HTML 58Page - STMicroelectronics L9960 Datasheet HTML 59Page - STMicroelectronics L9960 Datasheet HTML 60Page - STMicroelectronics L9960 Datasheet HTML 61Page - STMicroelectronics L9960 Datasheet HTML 62Page - STMicroelectronics L9960 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 95 page
background image
DS11115 Rev 10
59/95
L9960, L9960T
Functional description
94
4.7.6
Over-current detection electrical characteristics
Parameters are specified at 2 temperatures -40°C and +150°C;
for temperatures between -40°C and +170°C, the current values are interpolated.
Table 71. Over-current detection electrical characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Ioc_ls
Ioc_hs
Over-current threshold
CL1:0 = 00 / range 0
Tj = -40°C
5.4
7
8.6
A
Tj = 150°C
5.2
6.8
8.4
Over-current threshold
CL1:0 = 01 / range 1
Tj = -40°C
7.4
9.5
11.6
A
Tj = 150°C
7.1
9.2
11.2
Over-current threshold
CL1:0 = 10 / range 2
Tj = -40°C
8.4
10.8
13.2
A
Tj = 150°C
8.1
10.4
12.7
Over-current threshold
CL1:0 = 11 / range 3
Tj = 150°C
9.8
12.1
14.3
A
Tj = -40°C for Ioc_ls
10.4
12.6
15.8
A
Tj = -40°C for Ioc_hs
10.4
12.6
14.9
A
Itrack_ls
Itrack_hs
Tracking current for
CL1:0
 10 & 11
-2
2.5
5
A
Itrack_ls
Itrack_hs
Tracking Current for CL1:0 =10
Tj ≤ 25 °C
1.8
2.5
5
A
Tracking Current for CL1:0 =10
Tj = 150 °C
2
2.5
5
A
Itrack_ls
Tracking current for CL1:0 = 11
-
1.6
1.9
5
A
Itrack_hs
Tracking current for CL1:0 = 11
Tj ≤ 25 °C
1.1
1.9
5
A
Tracking current for CL1:0 = 11
Tj = 150 °C
1.6
1.9
5
A
Toc_ls
Toc_hs
Low-side & high-side over-
current detection filtering time
-40°C
 Tj  150°C
Digital filter (guaranteed
through scan)
1-
2
µs
Ioc_on
Non-Freewheeling MOS LSC
threshold
CL1:0 = 11 / range 0
Tj = -40°C
3.4
-
5.6
A
Tj = 150°C
3.2
-
5.4
Non-Freewheeling MOS LSC
threshold
CL1:0 = 11 / range 1
Tj = -40°C
5.4
-
8.6
A
Tj = 150°C
5.1
-
8.2
Non-Freewheeling MOS LSC
threshold
CL1:0 = 11 / range 2
Tj = -40°C
6.4
-
10.2
A
Tj = 150°C
6.1
-
9.7
Non-Freewheeling MOS LSC
threshold
CL1:0 = 11 / range 3
Tj = -40°C
8.8
-
12.8
A
Tj = 150°C
8.1
-
12.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com