Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 29Page - STMicroelectronics L9960 Datasheet HTML 30Page - STMicroelectronics L9960 Datasheet HTML 31Page - STMicroelectronics L9960 Datasheet HTML 32Page - STMicroelectronics L9960 Datasheet HTML 33Page - STMicroelectronics L9960 Datasheet HTML 34Page - STMicroelectronics L9960 Datasheet HTML 35Page - STMicroelectronics L9960 Datasheet HTML 36Page - STMicroelectronics L9960 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 95 page
background image
DS11115 Rev 10
33/95
L9960, L9960T
Functional description
94
4.5
Digital input controls
All the digital inputs and outputs of the L9960 must be compatible with 3.3V and 5V CMOS
technologies, but must also withstand up to 19V.
4.5.1
Bridge functional modes
Three functional modes are available on L9960, listed below:
Normal mode (via PWM / DIR)
VVL
IN1 / IN2
Normal mode
L9960 is in Normal Mode when the PWM / DIR control interface is selected.
In the below example it is showed the case of LS active freewheeling.
Figure 14. Bridge STATE diagram
VVL mode
VVL mode is programmed through a dedicated SPI command “VVL mode” (configuration
3). This mode is used to drive valves in Forward or Reverse mode.
PWM
Forward
Free
Wheeling
Free
Wheeling
Forward
DIR
BRIDGE
STATE
DIS
NDIS
Reverse
HS0 command
LS0 command
HS1 command
LS1 command
GAPGPS02320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com