Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 18Page - STMicroelectronics L9960 Datasheet HTML 19Page - STMicroelectronics L9960 Datasheet HTML 20Page - STMicroelectronics L9960 Datasheet HTML 21Page - STMicroelectronics L9960 Datasheet HTML 22Page - STMicroelectronics L9960 Datasheet HTML 23Page - STMicroelectronics L9960 Datasheet HTML 24Page - STMicroelectronics L9960 Datasheet HTML 25Page - STMicroelectronics L9960 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 95 page
background image
Functional description
L9960, L9960T
22/95
DS11115 Rev 10
Figure 8. Battery voltage monitoring – case2
Case 2
In this scenario, after the second UV transition on VPS, with the enabled protection via
UV_PROT set to 1, if two UV events occur by the UV_WIN timeframe expiration, the H-
bridge is set in Disable condition consequently.
4.1.3
VDD5 regulated voltage supply
The VDD5 Input voltage is provided by an external power supply, supplying the
corresponding L9960 digital I/O's.
When VDD5 is not supplied, there is only a small leakage current sank from VPS, see
parametric table with condition VDD5 <0.7V.
Voltage supply range
The L9960 has a VDD5 operating voltage supply range from "VDD5_uv" up to "VDD5_ov"
thresholds, however, the absolute maximum rating is defined up to 19 V DC.
VDD5 under-voltage detection
NDIS status depends on the UV event duration affecting VDD5:
When the VDD5 voltage falls below the under-voltage detection threshold
"VDD5_uv_th" longer than a filter "TVDD5_uv1", the bridge is switched to disable.
When VDD5 voltage falls below the under-voltage detection threshold "VDD5_uv_th"
longer than "TVDD5_uv2", the condition is feedbacked to control logic, pulling LOW the
pin NDIS, NDIS pin is pulled to LOW.
When VDD5 voltage increases above the "VDD5_uv_th" threshold (hysteresis and
TVDD5_uv1 filtering implemented), under-voltage condition is removed and L9960 keeps
all the settings set.
The NDIS pin is released when under-voltage condition is removed, in condition that NDIS
was hold at least for a minimum time “Thold_ndis”.
The UV detection information is readable via 2 diagnostics bits called VDD_UV_REG
(latched) and VDD_UV (unlatched).
GAPGPS02314
Tvps _uv
T < Tvps _uv
Vps _uv _off
Vps
‘’VPS _UV’’
ON-STATE
ON-STATE
TRISTATE
BRIDGE
STATE
Vps _uv _hys
Tvps _uv
DISABLE
T < UV_WIN
UV_CNT_REACHED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com