Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 71Page - STMicroelectronics L9960 Datasheet HTML 72Page - STMicroelectronics L9960 Datasheet HTML 73Page - STMicroelectronics L9960 Datasheet HTML 74Page - STMicroelectronics L9960 Datasheet HTML 75Page - STMicroelectronics L9960 Datasheet HTML 76Page - STMicroelectronics L9960 Datasheet HTML 77Page - STMicroelectronics L9960 Datasheet HTML 78Page - STMicroelectronics L9960 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 95 page
background image
DS11115 Rev 10
75/95
L9960, L9960T
Functional description
94
4.9.2
SPI command and response words format
L9960 is controlled with a 16 bits command word including:
4 Address bits, 11 data bits and 1 parity bit:
The command is stored in a command register after the rising edge of NCS
The response consists of a 16 bits word which contains:
4 Address bits of the command word
12 bits as payload corresponding to the command word requested information like
diagnostic, output state, etc.
Response after reset
1st response after reset is 0000 0000 0000 0000.
Response after communication error
In case of communication error (not used commands, wrong parity bit, number of
clocks not multiples of 16) the following response is sent: 0000 0000 0000 0000.
Command Chip Select (NCS) LOW without clock is ignored.
Table 87. SPI command word format
MSB
LSB
Address
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
parity_bit
xxxx
xxxx
xxxx
xx
x
x
Table 88. SPI response word format
MSB
LSB
Address
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
xxxx
xxxxxxxxxx
x
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com