Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 13Page - STMicroelectronics L9960 Datasheet HTML 14Page - STMicroelectronics L9960 Datasheet HTML 15Page - STMicroelectronics L9960 Datasheet HTML 16Page - STMicroelectronics L9960 Datasheet HTML 17Page - STMicroelectronics L9960 Datasheet HTML 18Page - STMicroelectronics L9960 Datasheet HTML 19Page - STMicroelectronics L9960 Datasheet HTML 20Page - STMicroelectronics L9960 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 95 page
background image
DS11115 Rev 10
17/95
L9960, L9960T
General electrical characteristics
94
3.5
Timing characteristics
Table 8. Timing characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Tdon
Delay time for switch-on
Rload 6 Ω, ISR = 1; VSR = 1
PWM edge
 10%,
TSW_low_current = 0,
Vout (or 10% Iout)
-
-
10.5
µs
Rload 6 Ω, ISR = 0; VSR = 0
PWM edge
 10%,
TSW_low_current = 0,
Vout (or 10% Iout)
--
11.5
µs
NOSR mode:
PWM edge
 10%,
TSW_low_current = 0,
Vout (or 10% Iout)
--
7
µs
Tdoff
Delay time for switch-off
Rload 6 Ω, ISR = 1; VSR = 1
PWM edge
 90%,
TSW_low_current = 0,
Vout (or 90% Iout)
--
12
µs
Rload 6 Ω, ISR = 0; VSR = 0
PWM edge
 90%,
TSW_low_current = 0,
Vout (or 90% Iout)
--
13
µs
NOSR mode
PWM edge
 90%,
TSW_low_current = 0,
Vout (or 90% Iout)
--
5.5
µs
Td
Delay time: symmetry
|Tdon-Tdoff| NOSR mode
-
-
5
µs
|Tdon-Tdoff| ISR/VSR mode
2
-
8
µs
Trise_L
Low-side transistor rise time Non selectable by SPI
10%-90% Vout , Iload = 3 A
0.04
-
0.5
µs
Tfall_L
Low-side transistor fall time
5
-
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com