Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 53Page - STMicroelectronics L9960 Datasheet HTML 54Page - STMicroelectronics L9960 Datasheet HTML 55Page - STMicroelectronics L9960 Datasheet HTML 56Page - STMicroelectronics L9960 Datasheet HTML 57Page - STMicroelectronics L9960 Datasheet HTML 58Page - STMicroelectronics L9960 Datasheet HTML 59Page - STMicroelectronics L9960 Datasheet HTML 60Page - STMicroelectronics L9960 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 95 page
background image
DS11115 Rev 10
57/95
L9960, L9960T
Functional description
94
4.7.3
Short-circuit to battery: over-current detection in low-side transistors
Figure 25. Example of low-side transistor low impedance short circuit to battery
(I < Ioc_ls)
The low-side transistors are protected against over-current due to an output short-circuited
to battery. When a low-side transistor is switched on, the current is monitored and if the low-
side over-current threshold "Ioc_ls" is overtaken for duration longer than "Toc_ls", the
bridge is switched to disable. This information is stored and latched in bits called "OCL_x".
The bits "OCL_x" are reset and the bridge is released when diagnostics is read by SPI (if
DIAG_CLR_EN=1 only), or by DIS level change (falling edge) or by RESET.
TTSD
Over-temperature filtering
time
Guaranteed by clock
measurement
1.7
2
2.3
µs
Tsecure
Time out to decrease Ilim
Guaranteed through scan
1.5
-
2
s
Tsdoff
Over-temperature shutdown
release time
Filter on OTSD release
(guaranteed through scan)
90
100
110
ms
OTsd-
OTwarn
Rang of temperature
dependent current reduction
-20
-
-
°C
Tj_range
Junction temperature analog
output range
-
125
-
190
°C
Tj_acc
Junction temperature analog
output accuracy
Guaranteed through scan
-
-
3
°C
TOT_warn
Temperature warning filtering
time
-1
-
3
µs
Table 70. Over-temperature monitoring electrical characteristics (continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Battery
OUT2
OUT1
GND
DC
motor
Rshort
OFF
ON
OFF
OFF
current
GAPGPS02344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com