Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 12Page - STMicroelectronics L9960 Datasheet HTML 13Page - STMicroelectronics L9960 Datasheet HTML 14Page - STMicroelectronics L9960 Datasheet HTML 15Page - STMicroelectronics L9960 Datasheet HTML 16Page - STMicroelectronics L9960 Datasheet HTML 17Page - STMicroelectronics L9960 Datasheet HTML 18Page - STMicroelectronics L9960 Datasheet HTML 19Page - STMicroelectronics L9960 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 95 page
background image
General electrical characteristics
L9960, L9960T
16/95
DS11115 Rev 10
Figure 5. Example of VDD5 slopes
3.4
Electrical characteristics
Tj = -40°C to 150°C unless otherwise specified.
VDD5 = 4.5V to 5.5V unless otherwise specified.
Vps = 4V to 28V unless otherwise specified.
All voltages refer to GND. Currents are positive into and negative out of the specified pin.
6.5V
4.5V
100V/ms
35V/ms
35V/ms
100V/ms
5V/ms
VDD5
6V
5V
GAPGPS02370
Table 7. Bridge output drivers
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Rdson_tot
Half bridge total Rdson
(High-side + Low-Side)
Tj = -40 °C to 25 °C,
Iout = 3 A; 4 V < Vps < 7 V
--
300
mΩ
Tj = 25 °C to 170 °C,
Tcase  140 °C
Iout = 3 A; 4 V < Vps < 7 V
--
450
Tj = -40 °C to 25 °C,
Iout = 9 A; Vps > 7V
--
300
Tj = 25 °C to 150 °C,
Iout = 7.5 A; Vps > 7 V
--
400
Tj = 25 °C to 170 °C,
Tcase  140 °C
Iout = 7.5 A; Vps > 7 V
--
450
Vbd_h
Body diode forward voltage
drop High-side transistor
Idiode = 9A
-
2
3
V
Vbd_l
Body diode forward voltage
drop Low-side transistor
Idiode = 9A
-
2
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com