Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 23Page - STMicroelectronics L9960 Datasheet HTML 24Page - STMicroelectronics L9960 Datasheet HTML 25Page - STMicroelectronics L9960 Datasheet HTML 26Page - STMicroelectronics L9960 Datasheet HTML 27Page - STMicroelectronics L9960 Datasheet HTML 28Page - STMicroelectronics L9960 Datasheet HTML 29Page - STMicroelectronics L9960 Datasheet HTML 30Page - STMicroelectronics L9960 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 95 page
background image
DS11115 Rev 10
27/95
L9960, L9960T
Functional description
94
4.1.5
Device supply electrical characteristics
Tj = -40 °C to 150 °C, VDD5 = 4.5 V to 5.5 V, Vps = 4 V to 28 V unless otherwise specified.
All voltages refer to GND. Currents are positive into and negative out of the specified pin.
4.2
Power on reset (POR) and SW reset
POR is a low active internal reset signal, leading the H-bridge in tri-state. It is released in
case the VDD5 is higher than the POR threshold (hysteresis implemented). The POR
input has a hysteresis to avoid unstable behaviors during ramp up and down of VDD5.
The POR is active for VDD5 from 0V to [Vpor + Vpor_hys] (POR threshold + hysteresis).
When RESET state is active, the bridge is switched to tri-state.
When VDD5 voltage increases above the POR (Power On Reset) threshold (hysteresis
implemented), the L9960 starts with all the settings reset to their default values.
In Figure 11 is shown an example of POR timing diagram.
At point 1, due to a POR condition on VDD5 supply, the POR signal is set to low and it is
released after 300 µs. L9960 is in disable state and the LBIST+HWSC (condition 2) is
Table 23. Device supply electrical characteristic
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Ips
Power supply current
VDD5 < 0.7 V; Vps < 16 V
Tj < 85 °C; L9960
-10
40
µA
VDD5 < 0.7 V; Vps
 16 V
Tj > 85 °C; L9960
--
180
µA
FPWM = 0; Iout = 0
(L9960, L9960T)
--
5
mA
For FPWM=20 kHz; Iout = 0
(L9960)
--
5
mA
For FPWM = 20 kHz; Iout = 0
(L9960T)
--
10
mA
Iout
Leakage current on output
Bridge in tri-state
All current sources switched OFF
Measured between OUT1 and
OUT2
-100
-
100
µA
Icc
Logic-supply current
VDD5 >VDD5_uv_on
FPWM = 0, for L9960
for L9960T
-
-
-
-
9
18
mA
FPWM = 20 kHz
for L9960
for L9960T
-
-
-
-
9
18
IVDDIO
SPI controller current
consumption on VDDIO
SDO not connected (L9960)
for L9960T
-
-
-
-
1
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com