Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960 Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9960
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9960 Datasheet HTML 67Page - STMicroelectronics L9960 Datasheet HTML 68Page - STMicroelectronics L9960 Datasheet HTML 69Page - STMicroelectronics L9960 Datasheet HTML 70Page - STMicroelectronics L9960 Datasheet HTML 71Page - STMicroelectronics L9960 Datasheet HTML 72Page - STMicroelectronics L9960 Datasheet HTML 73Page - STMicroelectronics L9960 Datasheet HTML 74Page - STMicroelectronics L9960 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 95 page
background image
DS11115 Rev 10
71/95
L9960, L9960T
Functional description
94
4.8.7
Off-state diagnostic
The Off-state diagnostic is activated via a dedicated SPI command “OFF STATE diagnosis”
by enabling the bit TRIG.
Note:
(-) available in the D0 bit position in SPI command frame 9.
Once diagnosis sequence was performed, Off-state Diagnostic result is available through
the same SPI command “OFF STATE diagnosis”.
This diagnostic is performed in disable state condition, set only by DIS activation and on
the condition that there was not a protection previously set (reported in NGFAIL and
VPS_UV), which means during a disable state phase occurring after an active-state phase
of the bridge or after reset state only in case of DIS activation.
Off state diag is allowed when NGFAIL = '1' - Off state diag is allowed when NGFAIL = '0'
only when the source of failure is from OFF state diagnostics itself.
Off-state diagnostic sequence
Figure 31. Structure and detection criteria
If the load is connected and when the off state diagnostics is enabled, L9960 aims at
regulating the voltage on OUT1 at a typical value of 1.8 V with a typical current consumption
of 300 µA.
Short to Ground is detected if I0 < - 930 µA (typ). SCG fault is guaranteed for currents
higher than SCG threshold.
Short to Battery is detected if I0 is >190 µA (typ). SCB fault is guaranteed for currents
lower than SCB threshold.
Openload is detected if I0 > min (OUT1_OL_Thr) to min (OUT1_SCB_Thr)
In order to avoid any wrong diagnostic, a filtering time "Thz" is implemented before
performing the diagnostic.
Thz is started on DIS rising edge event or reset (POR/SW) event only.
Table 84. TRIG
Bit config
Description
Condition
0
OFF-state diagnosis not triggered
Reset value
1
Trigger OFF-state diagnosis
-
Current
comparison
OUT1
OUT2
300μA
I0
I1
1.8V
OL
SCB
SCG
load
regulator
GAPGPS02412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com